Electronic Components Datasheet Search
  English  ▼

X  

CS459S8 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS459S8
Description  High Voltage - High Current Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS459S8 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS459S8 Datasheet HTML 1Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CS459-Series
High Voltage – High Current Rectifiers
RATINGS TO 12 KILOVOLTS
GLASS PASSIVATED
CONTROLLED AVALANCHE JUNCTIONS
HIGH SURGE CAPABILITY
DESIGNED FOR HIGH TEMPERATURE
OPERATION
ULTRAFAST RECOVERY TIMES OF 75 nS
EFFICIENT USE OF PC BOARD AREA
LARGE SURFACE AREA FOR COOLER
OPERATION
STANDARD
RECOVERY
ULTRAFAST
RECOVERY
CS 459
CS 459
ELECTRICAL RATINGS, T= 25C
S8
S10
S12
U8
U10
U12
UNITS
REPETITIVE PEAK REVERSE VOLTAGE, AND
Vrrm,
CONTINUOUS REVERSE VOLTAGE
Vr
8
10
12
8
10
12
kVOLT
AVERAGE FORWARD CURRENT IN AIR,
Tamb = 25C
Io
1100
970
850
850
750
650
mAMP
AVERAGE FORWARD CURRENT, Toil = 55C
Io
2.0
1.5
AMP
PEAK SURGE CURRENT,NON-REPETITIVE,
1/2 cycle, 60 Hz
Ifsm
80
45
AMP
STORAGE AND OPERATING TEMPERATURES
Tstg,Tj
- 55 to 150
- 55 to 150
DEG C
ELECTRICAL CHARACTERISTICS, T = 25C
MAXIMUM INSTANTANEOUS FORWARD
VOLTAGE,
If = 2.0 amp
Vfm
10.0
12.5
15.0
10.7
13.4
16.1
VOLTS
MAXIMUM REVERSE CURRENT AT RATED Vr
Irm
10.0
10.0
uAMP
MAXIMUM REVERSE RECOVERY TIME,
If = 0.5 amp to Ir = 1 amp
Trr
2.5
0.075
uSEC
Rev 1, 9/94
PO Box 700968 ● Dallas TX 75370
Ph (972) 248-7691 ● Fax (972) 381-9998


Similar Part No. - CS459S8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS45-08IO1 IXYS-CS45-08IO1 Datasheet
61Kb / 3P
Phase Control Thyristor
CS45-08IO1 IXYS-CS45-08IO1 Datasheet
412Kb / 5P
Single Thyristor
logo
Inchange Semiconductor ...
CS45-08IO1 ISC-CS45-08IO1 Datasheet
286Kb / 3P
Isc Thyristors
logo
IXYS Corporation
CS45-12IO1 IXYS-CS45-12IO1 Datasheet
61Kb / 3P
Phase Control Thyristor
CS45-12IO1 IXYS-CS45-12IO1 Datasheet
412Kb / 5P
Thyristor Single Thyristor
More results

Similar Description - CS459S8

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
EF100 EDI-EF100 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
NTD08 EDI-NTD08 Datasheet
35Kb / 2P
HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
2CLG80KV-0.1A GETEDZ-2CLG80KV-0.1A Datasheet
521Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG80KV-0.2A GETEDZ-2CLG80KV-0.2A Datasheet
521Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG100KV-0.1A GETEDZ-2CLG100KV-0.1A Datasheet
520Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG100KV-0.2A GETEDZ-2CLG100KV-0.2A Datasheet
520Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG20KV-0.1A GETEDZ-2CLG20KV-0.1A Datasheet
527Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG40KV-0.1A GETEDZ-2CLG40KV-0.1A Datasheet
520Kb / 2P
High Voltage Medium Current Standard Rectifiers
2CLG60KV-0.1A GETEDZ-2CLG60KV-0.1A Datasheet
521Kb / 2P
High Voltage Medium Current Standard Rectifiers
logo
Electronic devices inc.
NTD EDI-NTD Datasheet
36Kb / 2P
HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com