Electronic Components Datasheet Search
  English  ▼

X  

EP3C80 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP3C80
Description  Cyclone Series Device Thermal Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80 Datasheet(HTML) 2 Page - Altera Corporation

  EP3C80 Datasheet HTML 1Page - Altera Corporation EP3C80 Datasheet HTML 2Page - Altera Corporation EP3C80 Datasheet HTML 3Page - Altera Corporation EP3C80 Datasheet HTML 4Page - Altera Corporation EP3C80 Datasheet HTML 5Page - Altera Corporation EP3C80 Datasheet HTML 6Page - Altera Corporation EP3C80 Datasheet HTML 7Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
DS-CYTHRML-3.0
Altera Corporation
Altera Device Package Information Data Sheet
Cyclone III
Devices
Thermal resistance values for Cyclone III devices are provided for a board
meeting JEDEC specifications and for a typical board. The JEDEC board
specifications require two signals and two power/ground planes and are
available at www.jedec.org. The values are described in Tables 1
through 4.
Table 2 provides
θJA (junction-to-ambient thermal resistance) values and
θJC (junction-to-case thermal resistance) values for Cyclone III devices on
a board meeting JEDEC specifications for thermal resistance calculation.
Table 1. Thermal Resistance Values for Cyclone III Devices
Value
Description
θJA (C/W) Still Air
Junction-to-ambient thermal resistance (
θJA) with no airflow when a heat sink
is not being used.
θJA (C/W) 100 ft./minute
Junction-to-ambient thermal resistance with 100 ft./minute airflow when a
heat sink is not being used.
θJA (C/W) 200 ft./minute
Junction-to-ambient thermal resistance with 200 ft./minute airflow when a
heat sink is not being used.
θJA (C/W) 400 ft./minute
Junction-to-ambient thermal resistance with 400 ft./minute airflow when a
heat sink is not being used.
θJC (C/W)
Junction-to-case thermal resistance (
θJC) for device.
θJB (C/W)
Junction-to-board thermal resistance (
θJB) for specific board being used.
Table 2. Thermal Resistance of Cyclone III Devices for Board Meeting JEDEC Specifications (Part 1 of 2)
Device
Package
θJA (°C/W)
Still Air
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
θJC (°C/W)
EP3C5
E144
20
17.5
15.4
14
8.4
F256
32.4
28.9
27
25.5
11.7
U256
32.5
29.1
27.2
25.6
12.2
M164
38.2
31.5
29.6
27.9
11.6
EP3C10
E144
20
17.5
15.4
14
8.4
F256
32.4
28.9
27
25.5
11.7
U256
32.5
29.1
27.2
25.6
12.2
M164
38.2
31.5
29.6
27.9
11.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com