Electronic Components Datasheet Search
  English  ▼

X  

EP2C8 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP2C8
Description  Cyclone Series Device Thermal Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 5 Page - Altera Corporation

  EP2C8 Datasheet HTML 1Page - Altera Corporation EP2C8 Datasheet HTML 2Page - Altera Corporation EP2C8 Datasheet HTML 3Page - Altera Corporation EP2C8 Datasheet HTML 4Page - Altera Corporation EP2C8 Datasheet HTML 5Page - Altera Corporation EP2C8 Datasheet HTML 6Page - Altera Corporation EP2C8 Datasheet HTML 7Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Altera Corporation
DS-CYTHRML-3.0
5
Altera Device Package Information Data Sheet
Cyclone II
Devices
Table 5 provides
θJA (junction-to-ambient thermal resistance) and θJC
(junction-to-case thermal resistance) values for Cyclone II devices.
EP3C80
U484
20
15.9
13.8
12.1
6.3
F484
17.7
13.7
11.8
10.3
5.2
F780
15.9
12.2
10.5
9.1
5.1
EP3C120
F484
16.8
12.9
11
9.4
4.4
F780
15.1
11.4
9.6
8.3
4.2
Table 4. Thermal Resistance of Cyclone III Devices for Typical Board (Part 2 of 2)
Device
Package
θJA (°C/W)
Still Air
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
θJB (°C/W)
Table 5. Thermal Resistance of Cyclone II Devices
Device
Package
θJA (°C/W)
0 ft./min.
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
θJC (°C/W)
EP2C5
F256
30.2
26.1
23.6
21.7
8.7
T144
31
29.3
27.9
25.5
10
Q208
30.4
29.2
27.3
22.3
5.5
EP2C8
F256
27.0
23.0
20.5
18.5
7.1
T144
29.8
28.3
26.9
24.9
9.9
Q208
30.2
28.2
26.9
21.7
5.4
EP2C20
Q240
26.6
24.0
21.4
17.4
4.2
F256
24.2
20.0
17.8
16.0
5.5
F484
21.0
17.0
14.8
13.1
4.2
T144
27.6
26.4
25.4
23.8
9.6
EP2C35
F484
19.4
15.4
13.3
11.7
3.3
U484
20.6
16.6
14.5
12.8
5.0
F672
18.6
14.6
12.6
11.1
3.1
EP2C50
F484
18.4
14.4
12.4
10.9
2.8
U484
19.6
15.6
13.6
11.9
4.4
F672
17.7
13.7
11.8
10.2
2.6
EP2C70
F672
16.9
13.0
11.1
9.7
2.2
F896
16.3
11.9
10.5
9.1
2.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com