Electronic Components Datasheet Search
  English  ▼

X  

EPC16 Datasheet(PDF) 17 Page - Altera Corporation

Part # EPC16
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC16 Datasheet(HTML) 17 Page - Altera Corporation

Back Button EPC16 Datasheet HTML 13Page - Altera Corporation EPC16 Datasheet HTML 14Page - Altera Corporation EPC16 Datasheet HTML 15Page - Altera Corporation EPC16 Datasheet HTML 16Page - Altera Corporation EPC16 Datasheet HTML 17Page - Altera Corporation EPC16 Datasheet HTML 18Page - Altera Corporation EPC16 Datasheet HTML 19Page - Altera Corporation EPC16 Datasheet HTML 20Page - Altera Corporation EPC16 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Altera Corporation
17
Configuration Devices for SRAM-Based LUT Devices Data Sheet
Table 4 defines the APEX 20K, FLEX 10K, and FLEX 6000 timing
parameters when using EPC2 devices at 3.3 V.
Notes to
Table 4:
(1)
For more information regarding EPC4, EPC8, or EPC16 configuration device timing
parameters, see the Enhanced Configuration Device (EPC4, EPC8 & EPC16) Data Sheet.
(2)
The configuration device imposes a POR delay upon initial power-up to allow the
voltage supply to stabilize. Subsequent reconfigurations do not incur this delay.
Table 4. APEX 20K, FLEX 10K & FLEX 6000 Timing Parameters using EPC2
Devices at 3.3 V
Note (1)
Symbol
Parameter
Min
Max
Units
tPOR
POR delay (2)
200
ms
tOEZX
OE
high to DATA output enabled
80
ns
tCH
DCLK
high time
40
100
ns
tCL
DCLK
low time
40
100
ns
tDSU
Data setup time before rising edge on
DCLK
30
ns
tDH
Data hold time after rising edge on DCLK
0ns
tCO
DCLK
to DATA out
30
ns
tOEW
OE
low pulse width to guarantee counter
reset
100
ns
fCLK
DCLK
frequency
5
12.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com