Electronic Components Datasheet Search
  English  ▼

X  

EPC1213 Datasheet(PDF) 5 Page - Altera Corporation

Part # EPC1213
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC1213 Datasheet(HTML) 5 Page - Altera Corporation

  EPC1213 Datasheet HTML 1Page - Altera Corporation EPC1213 Datasheet HTML 2Page - Altera Corporation EPC1213 Datasheet HTML 3Page - Altera Corporation EPC1213 Datasheet HTML 4Page - Altera Corporation EPC1213 Datasheet HTML 5Page - Altera Corporation EPC1213 Datasheet HTML 6Page - Altera Corporation EPC1213 Datasheet HTML 7Page - Altera Corporation EPC1213 Datasheet HTML 8Page - Altera Corporation EPC1213 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Altera Corporation
5
Configuration Devices for SRAM-Based LUT Devices Data Sheet
FLEX 10KE
(2.5 V)
EPF10K30E
470,000
1
1
1
1
1
EPF10K50E
785,000
1
1
1
1
1
EPF10K50S
785,000
1
1
1
1
1
EPF10K100B 1,2000,000
1
1
1
1
EPF10K100E
1,336,000
1
1
1
1
EPF10K130E
1,840,000
2
1
1
1
EPF10K200E
2,757,000
2
1
1
1
EPF10K200S
2,757,000
2
1
1
1
FLEX 10KA
(3.3 V)
EPF10K10A
120,000
1
1
1
1
1
1
1
EPF10K30A
402,000
1
1
1
1
1
1
EPF10K50V
621,000
1
1
1
1
1
1
EPF10K100A
1,200,000
1
1
1
1
1
EPF10K130V
1,582,000
1
1
1
1
1
EPF10K250A
3,292,000
2
1
1
1
FLEX 10K
(5.0 V)
EPF10K10
118,000
1
1
1
1
1
1
1
EPF10K20
231,000
1
1
1
1
1
1
EPF10K30
376,000
1
1
1
1
1
1
EPF10K40
498,000
1
1
1
1
1
EPF10K50
621,000
1
1
1
1
1
EPF10K70
893,000
1
1
1
1
1
EPF10K100
1,200,000
1
1
1
1
FLEX
6000/A
(3.3 V)
EPF6010A
260,000
1
1
EPF6016
(5.0 V) /
EPF6016A
260,000
1
1
EPF6024A
398,000
1
1
FLEX
8000A
(5.0 V)
EPF8282A /
EPF8282AV
(3.3 V)
40,000
1
1
1
1
EPF8452A
64,000
1
1
1
1
EPF8636A
96,000
1
1
1
EPF8820A
128,000
1
1
1
EPF81188A
192,000
1
1
1
EPF1500A
250,000
1
1
Table 2. Configuration Devices Used for Each APEX II, APEX 20K, Mercury, ACEX & FLEX Device
(Part 2 of 2)
Family
Device
Data Size
(Bits)
EPC1064
EPC1064V
EPC1213 EPC1441 EPC1 EPC2 EPC4 EPC8 EPC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com