| Electronic Components Datasheet Search |
|
HC322 Datasheet(PDF) 14 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC322 Datasheet(HTML) 14 Page - Altera Corporation |
|
14 / 26 page ![]() 1–12 Chapter 1: DC and Switching Characteristics of HardCopy III Devices Switching Characteristics HardCopy III Device Handbook, Volume 3 © December 2008 Altera Corporation Switching Characteristics This section provides performance characteristics of HardCopy III core and periphery blocks for commercial grade devices. HardCopy III devices are designed to meet, at minimum, the –3 speed grade of the Stratix III devices. Silicon characterization determines the actual performance of the HardCopy III devices. These characteristics can be designated as Preliminary or Final, as defined below. ■ Preliminary —Preliminary characteristics are created using simulation results, process data, and other known parameters. ■ Final —Final numbers are based on actual silicon characterization and testing. These numbers reflect the actual performance of the device under worst-case silicon process, voltage, and junction temperature conditions. Core Performance Specifications This sections describes the clock tree, phase-locked loop (PLL), digital signal processing (DSP), TriMatrix, configuration, and JTAG specifications. Clock Tree Specifications Table 1–18 lists clock tree performance specifications for the logic array, DSP blocks, and TriMatrix Memory blocks for HardCopy III devices. Table 1–18. HardCopy III Clock Tree Performance – Preliminary (Note 1) Device Commercial Grade (MHz) Unit HC311 500 MHz HC321 500 MHz HC322 500 MHz HC331 500 MHz HC332 500 MHz HC351 500 MHz HC352 500 MHz HC361 500 MHz HC362 500 MHz HC372 500 MHz Note to Table 1–18: (1) Pending silicon characterization. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |