Electronic Components Datasheet Search
  English  ▼

X  

HC332 Datasheet(PDF) 25 Page - Altera Corporation

Part # HC332
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC332 Datasheet(HTML) 25 Page - Altera Corporation

Back Button HC332 Datasheet HTML 18Page - Altera Corporation HC332 Datasheet HTML 19Page - Altera Corporation HC332 Datasheet HTML 20Page - Altera Corporation HC332 Datasheet HTML 21Page - Altera Corporation HC332 Datasheet HTML 22Page - Altera Corporation HC332 Datasheet HTML 23Page - Altera Corporation HC332 Datasheet HTML 24Page - Altera Corporation HC332 Datasheet HTML 25Page - Altera Corporation HC332 Datasheet HTML 26Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–23
Glossary
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
S
SW (sampling
window)
The period of time during which the data must be valid in order to capture it correctly. The
setup and hold times determine the ideal strobe position within the sampling window.
Figure 1–5. Timing Diagram
Single-ended
Voltage
Referenced I/O
Standard
The JEDEC standard for SSTl and HSTL I/O standards defines both the AC and DC input
signal values. The AC values indicate the voltage levels at which the receiver must meet its
timing specifications. The DC values indicate the voltage levels at which the final logic state
of the receiver is unambiguously defined. Once the receiver input has crossed the AC value,
the receiver is changed to the new logic state.
The new logic state is maintained as long as the input stays beyond the DC threshold. This
approach is intended to provide predictable receiver timing in the presence of input
waveform ringing.
Figure 1–6. Single-Ended Voltage Referenced I/O Standard
T
t
C
High-speed receiver and transmitter input and output clock period.
TCCS
(channel-to-
channel-skew)
The timing difference between the fastest and the slowest output edges, including t
CO
variation and clock skew, across channels driven by the same PLL. The clock is included in
the TCCS measurement (refer to Figure 1–5 under S in this table).
t
DUTY
HIGH-SPEED I/O Block: Duty cycle on high-speed transmitter output clock.
Timing Unit Interval (TUI)
The timing budget allowed for skew, propagation delays, and data sampling window. (TUI =
1/(Receiver Input Clock Frequency Multiplication Factor) = t
C/w)
t
FALL
Signal high-to-low transition time (80-20%)
t
INCCJ
Cycle-to-cycle jitter tolerance on PLL clock input
t
OUTPJ_IO
Period jitter on general purpose I/O driven by a PLL
t
OUTPJ_DC
Period jitter on dedicated clock output driven by a PLL
t
RISE
Signal low-to-high transition time (20–80%)
U
——
Table 1–33. Glossary Table
Letter
Subject
Definitions
Bit Time
0.5 x TCCS
RSKM
Sampling Window
(SW)
RSKM
0.5 x TCCS
VIH(AC)
VIH(DC)
VREF
VIL(DC)
VIL(AC)
VOH
VOL
VCCIO
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com