Electronic Components Datasheet Search
  English  ▼

X  

PE7745DEV Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # PE7745DEV
Description  PE77D Series 3.3 V PECL Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE7745DEV Datasheet(HTML) 1 Page - Pletronics, Inc.

  PE7745DEV Datasheet HTML 1Page - Pletronics, Inc. PE7745DEV Datasheet HTML 2Page - Pletronics, Inc. PE7745DEV Datasheet HTML 3Page - Pletronics, Inc. PE7745DEV Datasheet HTML 4Page - Pletronics, Inc. PE7745DEV Datasheet HTML 5Page - Pletronics, Inc. PE7745DEV Datasheet HTML 6Page - Pletronics, Inc. PE7745DEV Datasheet HTML 7Page - Pletronics, Inc. PE7745DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2007, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
PE77D Series 3.3 V
PECL Clock Oscillators
April 2007
• Pletronics’ PE77D Series is a quartz crystal
controlled precision square wave generator with a
PECL output.
• The package is designed for high density surface
mount designs.
• Low cost mass produced oscillator.
• Tape and Reel or cut tape packaging is available.
• 5 x 7 mm LCC Ceramic Package
• Enable/Disable Function on pad 1
• Disable function includes low standby power
mode
•3rd Overtone Crystals used
• Improved circuit to minimize oscillator issues
such as multi-mode output signal.
• Low Jitter
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.16 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC
The thermal resistance junction to board is 30 to 50oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - PE7745DEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE7745DEW PLETRONICS-PE7745DEW Datasheet
158Kb / 8P
PE77D Series 2.5 V PECL Clock Oscillators
logo
List of Unclassifed Man...
PE7745DEW-125.0MT1K ETC1-PE7745DEW-125.0MT1K Datasheet
159Kb / 8P
2.5 V PECL Clock Oscillators
PE7745DEW-125.0MT250 ETC1-PE7745DEW-125.0MT250 Datasheet
159Kb / 8P
2.5 V PECL Clock Oscillators
PE7745DEW-125.0MT500 ETC1-PE7745DEW-125.0MT500 Datasheet
159Kb / 8P
2.5 V PECL Clock Oscillators
More results

Similar Description - PE7745DEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
PE3XB Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
PE11B Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
PE11M Series 3.3 V PECL Clock Oscillators
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
PE11T Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
PE37T Series 3.3 V PECL Clock Oscillators
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
PE55D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
PE76D Series 3.3 V PECL Clock Oscillators
PE7745DEW PLETRONICS-PE7745DEW Datasheet
158Kb / 8P
PE77D Series 2.5 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
PE78D Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
PE99D Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com