Electronic Components Datasheet Search
  English  ▼

X  

1G6 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 1G6
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1G6 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  1G6 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1G6 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
1G1 THRU 1G7
CURRENT
1.0 Ampere
20
20
J
T =25
° C
f=1MHz
0.375(9.5mm) Lead Length
120
140
2.0
1.8
1.6
Vsig=50mVp-p
REVERSE VOLTAGE,(V)
1
0.1
4.0
1.0
10.0
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
10
100
0.01
0.1
1
Pulse Width=300us
1% Duty Cycle
0.6
0.8
1.0
1.2
T =25
° C
J
1.4
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
0
0.01
20
0.1
1.0
100
60
40
80
T =25
° C
j
AMBIENT TEMPERATURE, (
° C)
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
10
25
Resistive or
Half Wave 60Hz
Inductive Load
Single Phase
0
0
0.4
50
0.6
0.8
100
75
125
175
150
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.4-TYPICAL REVERSE
FORWARD SURGE CURRENT
(JEDEC Method) T=
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
10
0
1
10
25
20
30
2
5
8
CHARACTERISTICS
T =125
° C
J
10
20
50
jmax
T
100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
RATING AND CHRACTERISTIC CURVES 1G1 THRU 1G7
0.2
1.0
1.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com