Electronic Components Datasheet Search
  English  ▼

X  

ANR11 Datasheet(PDF) 13 Page - CIT Relay & Switch

Part # ANR11
Description  CIT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ANR11 Datasheet(HTML) 13 Page - CIT Relay & Switch

Back Button ANR11 Datasheet HTML 5Page - CIT Relay & Switch ANR11 Datasheet HTML 6Page - CIT Relay & Switch ANR11 Datasheet HTML 7Page - CIT Relay & Switch ANR11 Datasheet HTML 8Page - CIT Relay & Switch ANR11 Datasheet HTML 9Page - CIT Relay & Switch ANR11 Datasheet HTML 10Page - CIT Relay & Switch ANR11 Datasheet HTML 11Page - CIT Relay & Switch ANR11 Datasheet HTML 12Page - CIT Relay & Switch ANR11 Datasheet HTML 13Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
www.citswitch.com
page
154
phone – 763.535.2339 fax – 763.535.2194
CONTACT OPTIONS
Designator Contact Material
Terminal Material
Electrical Ratings
Q
Silver Plating
Silver Plating
5A @ 120VAC, 28VDC; 2A @ 250VAC
R
Gold over Nickel Plating
Gold over Nickel Plating
.4 VA max @ 20VAC or VDC max
G
Gold over Silver Plating
Gold over Silver Plating
.4 VA max @ 20VAC or VDC max or
5A @ 120VAC, 28VDC; 2A @ 250VAC
THREE WAY WIRING DIAGRAM
POSITION 1
POSITION 2
POSITION 3
POSITION 1
POSITION 2
POSITION 3
ANR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com