Electronic Components Datasheet Search
  English  ▼

X  

ANR13 Datasheet(PDF) 8 Page - CIT Relay & Switch

Part # ANR13
Description  CIT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ANR13 Datasheet(HTML) 8 Page - CIT Relay & Switch

Back Button ANR13 Datasheet HTML 4Page - CIT Relay & Switch ANR13 Datasheet HTML 5Page - CIT Relay & Switch ANR13 Datasheet HTML 6Page - CIT Relay & Switch ANR13 Datasheet HTML 7Page - CIT Relay & Switch ANR13 Datasheet HTML 8Page - CIT Relay & Switch ANR13 Datasheet HTML 9Page - CIT Relay & Switch ANR13 Datasheet HTML 10Page - CIT Relay & Switch ANR13 Datasheet HTML 11Page - CIT Relay & Switch ANR13 Datasheet HTML 12Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.citswitch.com
page
149
phone – 763.535.2339 fax – 763.535.2194
ANR
ACTUATOR OPTIONS (SNAP-IN PANEL MOUNT)
R51R
** Increase the length dimension to 15.75/15.88 for 1.50/3.20 thick panels
P53R
** Increase the length dimension to 15.75/15.88 for 1.50/3.20 thick panels
ACTUATOR MARKINGS
A
B
C
D
E
F
TERMINAL OPTIONS
B (Single Pole)
B (Double Pole)
B (3 Pole)
B (4 Pole)
C (Single Pole)
C (Double Pole)
C (3 Pole)
C (4 Pole)
D (Single Pole)
D (Double Pole)
D (3 Pole)
D (4 Pole)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com