Electronic Components Datasheet Search
  English  ▼

X  

16A2C Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 16A2C
Description  GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

16A2C Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  16A2C Datasheet HTML 1Page - MIC GROUP RECTIFIERS 16A2C Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
HER1601C THRU HER1607C
CURRENT
16.0 Ampere
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
Tjmax
40
20
10
2
1
0
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T=
FORWARD SURGE CURRENT
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
50
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
AMBIENT TEMPERATURE, (
° C)
0.375
″(9.5mm) Lead Length
4
68
1 Cycle
60
0.1
100
10
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
1
Vsig=50mVp-p
f=1MHz
T =25
° C
1.0
10
100
J
J
T =25
° C
140
120
0
20
60
1.0
10
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
100
1.6
INSTANTANEOUS FORWARD VOLTAGE,(V)
Pulse Width=300us
1% Duty Cycle
0.4
0.8
T =25
° C
J
1.2
100
40
80
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE,(V)
RATING AND CHRACTERISTIC CURVES 16A05C THRU 16A10C
20
15
10
200
100
1000
100
10
1.0
0.1
T =125
° C
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com