Electronic Components Datasheet Search
  English  ▼

X  

16AF4C Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # 16AF4C
Description  GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

16AF4C Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  16AF4C Datasheet HTML 1Page - MIC GROUP RECTIFIERS 16AF4C Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
16AF05C THRU 16AF10C
CURRENT
16.0 Ampere
FEATURES
•
Glass passivated chip junction
•
Low power loss, high efficiency
•
Low leakage
•
High current capacity, high surge capacity
•
High temperature soldering guaranteed
•
200℃/10 second,0.16”(4.06mm)lead length from case
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Marked on package
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.064ounce, 1.81 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS 16AF05C 16AF1C
16AF2C
16AF4C
16AF6C
16AF8C 16AF10C
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
TA Tc=100℃
I(AV)
16.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
175
Amps
Maximum Instantaneous Forward Voltage at 8.0A
VF
1.1
Volts
TA = 25℃
10
Maximum DC Reverse Current at rated
DC Blocking Voltage per element
TA = 125℃
IR
300
µA
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
55
pF
Typical Thermal Resistance (NOTE 1)
RθJC
2.5
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Unit mounted on heatsink
Dimensions in inches and (millimeters)
ITO-220AB


Similar Part No. - 16AF4C

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
16A05C MIC-16A05C Datasheet
54Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Shenzhen Luguang Electr...
16A100C LUGUANG-16A100C Datasheet
160Kb / 2P
Plastic Silicon Rectifiers
logo
Diode Semiconductor Kor...
16A100C DSK-16A100C Datasheet
85Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
16A100FC LUGUANG-16A100FC Datasheet
164Kb / 2P
Plastic Silicon Rectifiers
logo
MIC GROUP RECTIFIERS
16A10C MIC-16A10C Datasheet
54Kb / 2P
GLASS PASSIVATED RECTIFIER
More results

Similar Description - 16AF4C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
UF4001G BILIN-UF4001G Datasheet
82Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Digitron Semiconductors
1N5624 DIGITRON-1N5624 Datasheet
128Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
1N4001G ETC2-1N4001G Datasheet
155Kb / 2P
GLASS PASSIVATED RECTIFIER
1N5391G ETC2-1N5391G Datasheet
154Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RL151G-157G WINNERJOIN-RL151G-157G Datasheet
96Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
EM512AG DACO-EM512AG Datasheet
695Kb / 2P
GLASS PASSIVATED RECTIFIER
RL201G DACO-RL201G Datasheet
378Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HER301G SAMYANG-HER301G Datasheet
433Kb / 2P
GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com