Electronic Components Datasheet Search
  English  ▼

X  

AARS35Z Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # AARS35Z
Description  AVALANCHE AUTOMOTIVE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

AARS35Z Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  AARS35Z Datasheet HTML 1Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AVALANCHE AUTOMOTIVE DIODE
AVALANCHE VOLTAGE
24 to 32 Volts
AAR35Z/AARS35Z
CURRENT
35 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Technical Specifecation:
Features:
•
High power capability
•
Economical
•
Avalanche Voltage: 24V to 32V
MECHANICAL DATA
•
Case: transfer molded plastic
•
Epoxy: UL94-0 rate flame ratardant
•
Polarity: Indicated by Cathode Band
•
Technology vacuum soldered
•
Lead: Plated slug, solderable per MIL-STD-202E
Method 208C
•
Weight: 0.0635ounce, 1.8Grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
Electrical Characteristics @ 25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRRM
VDC
20
20
20
Volts
Average Rectified Forward Current (Tc=125℃)
Io
35
Amps
Repetitive Peak Reverse Surge Current
Tc=10msec Dury Cycle<1%
IRSM
35
Amps
Breakdown Voltage (Vbr@ir=100mA, Tc=25℃)
Ir=90Amps, Tc=150℃, PW=80usec
Vbr1
Vbr2
24
25-27
32
40
Volts
Volts
Forward Voltage Drop @If=100Amps<300usec
VF
1.03
1.08
Volts
Peak Forward Surge Current
IFSM
500
Amps
Reverse Leakage (VR=17Vdc) TA=25℃
IR
1.0
2.0
uAmps
Operating and Storage Junction Temperature Range
TJ ,TSTG
-65 to +175
℃
Notes: 1. Enough heatsink must be considered in application.
Dimensions in inches and (millimeters)
ARS
AR
.185(4.7)
.165(4.2)
.235(6.0)
.250(6.4)
.225(5.7)DIA
.215(5.5)TYP
.327(8.2)TYP
.346(8.8)DIA
.410(10.4)DIA
.380(9.7)TYP
.250(6.4)
.235(6.0)
.165(4.2)
.185(4.7)
.215(5.5)TYP
.225(5.7)DIA
Fig.1
Surge current characteristics
50
30
10
0
I
(EXP)
RRM
RRM
I
(EXP)


Similar Part No. - AARS35Z

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
AARS35L MIC-AARS35L Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AARS35M MIC-AARS35M Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
More results

Similar Description - AARS35Z

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
AAR25L MIC-AAR25L Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AAR25M MIC-AAR25M Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AAR25Z MIC-AAR25Z Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AAR35L MIC-AAR35L Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AAR35M MIC-AAR35M Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AAR50L MIC-AAR50L Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AAR50M MIC-AAR50M Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AAR50Z MIC-AAR50Z Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
logo
Shanghai Lunsure Electr...
AR50L CHENYI-AR50L Datasheet
50Kb / 2P
AVALANCHE AUTOMOTIVE DIODE
AR50Z CHENYI-AR50Z Datasheet
50Kb / 2P
AVALANCHE AUTOMOTIVE DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com