Electronic Components Datasheet Search
  English  ▼

X  

5KP10 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # 5KP10
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

5KP10 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  5KP10 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 5KP10 Datasheet HTML 2Page - MIC GROUP RECTIFIERS 5KP10 Datasheet HTML 3Page - MIC GROUP RECTIFIERS 5KP10 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
5KP5.0 THRU 5KP110CA
Stand-off Voltage
5.0 to 110 Volts
5KP5.0J THRU 5KP110CAJ
Peak Pulse Power
5000 Watts
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
Glass passivated junction or silastic guard junction
(open junction)
•
5000W peak pulse power
capability with a 10/1000μs Waveform,
repetition rate (duty cycle): 0.05%
•
Excellent clamping capability
•
Low incremental surge resistance
•
Fast response time: typically less
than 1.0ps from 0 Volts to V(BR)
•
Devices with V(BR)>10V, ID are typically less than 1.0μA
•
High temperature soldering guaranteed:
265℃/10 seconds, 0.375” (9.5mm) lead length,
51bs.(2.3kg) tension
MECHANICAL DATA
•
Cass: molded plastic body over passivated junction
•
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
•
Polarity: The Color bands denotes the cathode, which is postitive
with respect to the anode under normal TVS operation
•
Mounting Position: any
•
Weight: 0.07 ounces, 2.1 grams
DEVICES FOR BIDRECTIONAL APPLICATIONS
•
For bidirectional use C or CA suffix for types 5KP5.0 thru 5KP110 (e.g. 5KP7.5CA,
5KP110CA).Electrical Characteristics apply in both directions.
•
Suffix A denotes ±5% tolerance device, No suffix A denotes ±10% tolerance device
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform (NOTE1)
PPPM
Minimum5000
Watts
Peak Pulse current with a 10/1000μs waveform (NOTE1)
IPPM
See Table 1
Amps
Steady Stage Power Dissipation at TL=75℃
Lead lengths 0.375”(9.5mm)(Note2)
PM(AV)
8.0
Watts
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method)(Note 3)
IFSM
400.0
Amps
Maximum forward voltage at 100.0A (NOTE 3)
VF
3.5
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
℃
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on copper pads ares of 0.8×0.8”(20×20mm) per Fig 5.
3.
Measured on 8.3ms single half sine-wave or equivalent wave, duty cycle=4 pulses per minute maximum
MIN
1.0(25.4)
.360(9.1)
.340(8.6)
DIA
.344(8.6)
.360(9.1)
Dimensions in inches and (millimeters)
R-6
1.0(25.4)
MIN
.052(1.3)
.048(1.2)
DIA


Similar Part No. - 5KP10

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP10 SURGE-5KP10 Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP10 TRSYS-5KP10 Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP10 WTE-5KP10 Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP10 RECTRON-5KP10 Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP10 DCCOM-5KP10 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP10

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP PANJIT-3KP_07 Datasheet
90Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6SBMJ6.8CAPT CHENMKO-P6SBMJ6.8CAPT Datasheet
101Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
5KP5.0 CHENDA-5KP5.0_V01 Datasheet
685Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
30KP28A YFWDIODE-30KP28A Datasheet
421Kb / 4P
Glass Passivated Junction Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com