Electronic Components Datasheet Search
  English  ▼

X  

DGWRR Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # DGWRR
Description  CIT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DGWRR Datasheet(HTML) 1 Page - CIT Relay & Switch

  DGWRR Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.citswitch.com
page
8
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
100mA @ 30VDC (silver contacts)
.4VA max @ 20VDC or VAC max. (gold contacts)
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
250 +/- 100gF
Actuator Travel
1.8 +/- .3mm
Dielectric Strength
750Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
PC
Housing
Nylon
Contacts
Copper Alloy, Silver Plated, or Gold over Nickel Plated
Terminals
Copper Alloy, Silver Plated, or Gold over Nickel Plated
ORDERING INFORMATION
1. Series:
DG
DG
R
2. First LED Color:
R = Red
G = Green
Y = Yellow
B = Blue
W = White **White is not available in Bi-color
Y
3. Second LED Color: **For Bi-color LED Option
X = No Second LED
R = Red
G = Green
Y = Yellow
B = Blue
Q
4. Contact Material:
Q = Silver
R = Gold
DIMENSIONS
SCHEMATIC & PANEL CUTOUT
LED CHARACTERISTICS
Red
Green
Yellow
Blue
White
UNITS
Forward Current
If
30
30
30
30
30
mA
Reverse Voltage
Vr
5.0
5.0
5.0
5.0
5.0
V
Reverse Current
Ir
10
10
10
50
10
uA
Forward Voltage @ 20mA
Vf
1.7-2.6
1.7-2.6
1.7-2.6
2.5-3.5
3.3-3.8
V
Luminous Intensity
IV
100
100
200
160
145
mcd
DG


Similar Part No. - DGWRR

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
DGWG10R1 BLOCKMASTER-ELECTRONICS-DGWG10R1 Datasheet
64Kb / 1P
PCB Terminal Blocks
DGWG10V1 BLOCKMASTER-ELECTRONICS-DGWG10V1 Datasheet
55Kb / 1P
PCB Terminal Blocks
DGWG125A1 BLOCKMASTER-ELECTRONICS-DGWG125A1 Datasheet
54Kb / 1P
PCB Terminal Blocks
DGWG126R1 BLOCKMASTER-ELECTRONICS-DGWG126R1 Datasheet
56Kb / 1P
PCB Terminal Blocks
DGWG126V1 BLOCKMASTER-ELECTRONICS-DGWG126V1 Datasheet
57Kb / 1P
PCB Terminal Blocks
More results

Similar Description - DGWRR

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com