Electronic Components Datasheet Search
  English  ▼

X  

ARL154 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # ARL154
Description  BUTTON AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

ARL154 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  ARL154 Datasheet HTML 1Page - MIC GROUP RECTIFIERS ARL154 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUTTON AUTOMOTIVE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 600 Volts
ARL1505 THRU ARL156
CURRENT
15.0 Amperes
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
MECHANICAL DATA
•
Technology: Cell with vacuum soldered
•
Case: transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Lead: Plated lead , solderable per MIL-STD-202E
method 208C
•
Polarity: Color ring denotes cathode end
•
Mounting Position: any
•
Weight: 0.083 ounces, 2.32 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
ARL1505
ARL151
ARL152
ARL154
ARL156
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=110℃
IO
15.0
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
300
Amps
Rating for fusing (t<8.3ms)
I
2t
374
A
2S
Maximum instantaneous Forward Voltage at 80A
VF
1.1
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage per element TA=100℃
IR
250
UA
Typical Thermal Resistance
RθJC
1.0
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Polarity and voltage demotion color band
Red
Yellow
Silver
Green
Green
Notes:
1.
Enough heatsink must be considered in application.
AR-L
Dimensions in inches and (millimeters)
0.252(6.4)
0.236(6.0)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.047(1.2)TYP
0.051(1.3)DIA
0.382(9.7)TYP
0.409(10.4)DIA


Similar Part No. - ARL154

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
ARL2501 CHENYI-ARL2501 Datasheet
150Kb / 2P
HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
logo
Nanjing International G...
ARL2501 DGNJDZ-ARL2501 Datasheet
201Kb / 2P
HIGH VOLTAGE BUTTON
logo
ZP Semiconductor
ARL2501 ZPSEMI-ARL2501 Datasheet
201Kb / 2P
VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL2501 ZPSEMI-ARL2501 Datasheet
201Kb / 2P
VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL2501 ZPSEMI-ARL2501 Datasheet
201Kb / 2P
VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
More results

Similar Description - ARL154

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
AR1505 MIC-AR1505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
AR2505 MIC-AR2505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
AR3505 MIC-AR3505 Datasheet
38Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL750 MIC-ARL750 Datasheet
37Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL2505 MIC-ARL2505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL3505 MIC-ARL3505 Datasheet
40Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
FARL2505 MIC-FARL2505 Datasheet
44Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
JAAR80M MIC-JAAR80M Datasheet
21Kb / 1P
JUMBO BUTTON AVALANCHE AUTOMOTIVE RECTIFIER
JAR7005 MIC-JAR7005 Datasheet
39Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
JAR8005 MIC-JAR8005 Datasheet
38Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com