Electronic Components Datasheet Search
  English  ▼

X  

B404 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # B404
Description  BLOCK TYPE AUTOMOTIVE PECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

B404 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  B404 Datasheet HTML 1Page - MIC GROUP RECTIFIERS B404 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BLOCK TYPE AUTOMOTIVE PECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
200 to 400 Volts
B302 THRU B304
CURRENT
40.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
•
Glass passivated chip
MECHANICAL DATA
•
Technology: vacuum soldered
•
Copper cup with transfer molded plastic
•
Polarity: B30-P lead-P
B30-N lead-N
•
Lead: Plated Ni lead, solderable per
MIL-STD-202E method 208C
•
Mounting: Press Fit
•
Weight: 0.094 ounces, 2.65 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
B402-P
B402-N
B403-P
B403-N
B404-P
B404-N
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
300
400
Volts
Maximum RMS Voltage
VRMS
140
210
280
Volts
Maximum DC Blocking Voltage
VDC
200
300
400
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
IO
40
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
500
Amps
Rating for fusing (t<8.3ms)
I
2t
1037
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.10
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
450
UA
Typical Thermal Resistance
RθJC
1.0
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Notes:
1.
Enough heatsink must be considered in application.
Dimensions in inches and (millimeters)
BA
1.8
± 0.3
9.2
± 0.3
1.0
± 0.3
24.0
± 0.5
4.5
± 0.3
13.5
± 0.3
10.2
± 0.3


Similar Part No. - B404

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
B4040 SIEMENS-B4040 Datasheet
96Kb / 7P
SAW Components Low-Loss Duplexer for Mobile Communication
logo
EPCOS
B4041 EPCOS-B4041 Datasheet
66Kb / 7P
SAW filter 2450.00 MHz
B4041 EPCOS-B4041 Datasheet
67Kb / 7P
SAW RF filter Short range devices
B4041 EPCOS-B4041_1 Datasheet
67Kb / 7P
SAW RF filter Short range devices
logo
List of Unclassifed Man...
B4044 ETC1-B4044 Datasheet
43Kb / 3P
Low Loss Filter for Mobile Communication
More results

Similar Description - B404

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
B302 MIC-B302 Datasheet
45Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
B502 MIC-B502 Datasheet
46Kb / 2P
BLOCK TYPE AUTOMOTIVE PECTIFIER
BA30Z MIC-BA30Z Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA40Z MIC-BA40Z Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA50M MIC-BA50M Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GBA35L GOOD-ARK-GBA35L Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
GBA35M GOOD-ARK-GBA35M Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
GBA50 GOOD-ARK-GBA50 Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
GB302 GOOD-ARK-GB302 Datasheet
115Kb / 2P
Block Type Automotive Rectifier
GB402 GOOD-ARK-GB402 Datasheet
116Kb / 2P
Block Type Automotive Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com