Electronic Components Datasheet Search
  English  ▼

X  

J1111CS24VDC Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # J1111CS24VDC
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1111CS24VDC Datasheet(HTML) 2 Page - CIT Relay & Switch

  J1111CS24VDC Datasheet HTML 1Page - CIT Relay & Switch J1111CS24VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J111
1. Series
J111
1A
S
12VDC
.45
J111
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
3. Sealing Option
S = Sealed
4. Contact Voltage
5VDC
6VDC
9VDC
12VDC
18VDC
24VDC
48VDC
100VDC
5. Coil Power
.20 = .20W (only available with 1A contact)
.45 = .45W
.60 = .60W (used with 100VDC coil only)
Dimensions
Units = mm
1A
1C
Bottom Views
Schematics & PC Layouts
Ordering Information



Html Pages

1 2