| Electronic Components Datasheet Search |
|
AST21P2N Datasheet(PDF) 6 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
AST21P2N Datasheet(HTML) 6 Page - CIT Relay & Switch |
|
6 / 6 page ![]() www.citswitch.com page 131 phone – 763.535.2339 fax – 763.535.2194 AST TERMINAL OPTIONS Terminal Option “A” Dimension S20-V20 11.68 S25-V25 16.00 S20/S25 (V20/V25 – Snap-in Bracket) = PC Pins with Support Bracket (Three Pole) CONTACT OPTIONS Designator Contact Material Terminal Material Electrical Ratings Q Silver Plating Silver Plating 5A @ 120VAC, 28VDC; 2A @ 250VAC R Gold over Nickel Plating Gold over Nickel Plating .4 VA max @ 20VAC or VDC max G Gold over Silver Plating Gold over Silver Plating .4 VA max @ 20VAC or VDC max or 5A @ 120VAC, 28VDC; 2A @ 250VAC HARDWARE **Two hex nuts, one lock washer, & one locking ring supplied standard with threaded bushings Hex Nut Lock Washer Locking Ring Dress Nut Knurled Nut Knurled Nut **For use with E Bushing |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |