Electronic Components Datasheet Search
  English  ▼

X  

BA50M-P Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # BA50M-P
Description  BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

BA50M-P Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  BA50M-P Datasheet HTML 1Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
AVALANCHE VOLTAGE
37 to 41 Volts
BA50M
CURRENT
50 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Technical Specifecation:
Features:
•
High power capability
•
Economical
•
Avalanche Voltage: 37V to 41V
•
Glass passivated chip
MECHANICAL DATA
•
Copper cup with transfer molded plastic
•
Epoxy: UL94-0 rate flame ratardant
•
Polarity: BA50M-P lead-P
BA50M-N lead-N
•
Technology vacuum soldered
•
Lead: Plated slug, solderable per MIL-STD-202E
Method 208C
•
Weight: 0.094 ounce 2.65 Grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
BA50M-P/BA50M-N
Electrical Characteristics @ 25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRRM
VDC
28
28
28
Volts
Average Rectified Forward Current (Tc=125℃)
Io
50
Amps
Repetitive Peak Reverse Surge Current
Tc=10msec Dury Cycle<1%
IRSM
50
Amps
Breakdown Voltage (Vbr@ir=100mA, Tc=25℃)
Ir=90Amps, Tc=150℃, PW=80usec
Vbr1
Vbr2
37
39
41
54
Volts
Volts
Forward Voltage Drop @If=100Amps<300usec
VF
1.05
1.08
Volts
Peak Forward Surge Current
IFSM
600
Amps
Reverse Leakage (VR=17Vdc) TA=25℃
IR
1.0
2.0
uAmps
Operating and Storage Junction Temperature Range
TJ ,TSTG
-65 to +175
℃
Notes: 1. Enough heatsink must be considered in application.
Fig.1
Surge current characteristics
50
30
10
0
I
(EXP)
RRM
RRM
I
(EXP)
Dimensions in inches and (millimeters)
BA
1.8
± 0.3
9.2
± 0.3
1.0
± 0.3
24.0
± 0.5
4.5
± 0.3
13.5
± 0.3
10.2
± 0.3


Similar Part No. - BA50M-P

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
BA50MN THINKISEMI-BA50MN Datasheet
1Mb / 3P
50 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
BA50MP THINKISEMI-BA50MP Datasheet
1Mb / 3P
50 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
More results

Similar Description - BA50M-P

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BA30L MIC-BA30L Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA30M MIC-BA30M Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA30Z MIC-BA30Z Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA40L MIC-BA40L Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA40M MIC-BA40M Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
BA40Z MIC-BA40Z Datasheet
27Kb / 1P
BLOCK TYPE AVALANCHE AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GBA35L GOOD-ARK-GBA35L Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
GBA35M GOOD-ARK-GBA35M Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
GBA50 GOOD-ARK-GBA50 Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
GBA35Z GOOD-ARK-GBA35Z Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com