Electronic Components Datasheet Search
  English  ▼

X  

BST15T4N Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # BST15T4N
Description  CIT SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BST15T4N Datasheet(HTML) 4 Page - CIT Relay & Switch

  BST15T4N Datasheet HTML 1Page - CIT Relay & Switch BST15T4N Datasheet HTML 2Page - CIT Relay & Switch BST15T4N Datasheet HTML 3Page - CIT Relay & Switch BST15T4N Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.citswitch.com
page
139
phone – 763.535.2339 fax – 763.535.2194
BST
TERMINAL OPTIONS
A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (SPDT)
A5 (A5S – Snap-in Bracket) = PC Pins with Support Bracket (DPDT)
CONTACT OPTIONS
Designator Contact Material
Terminal Material
Electrical Ratings
Q
Silver Plating
Silver Plating
3A @ 120VAC, 28VDC; 1.5A @ 250VAC
R
Gold over Nickel Plating
Gold over Nickel Plating
.4 VA max @ 20VAC or VDC max
G
Gold over Silver Plating
Gold over Silver Plating
.4 VA max @ 20VAC or VDC max or
3A @ 120VAC, 28VDC; 1.5A @ 250VAC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com