Electronic Components Datasheet Search
  English  ▼

X  

SF47 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SF47
Description  POWER RECTIFIERS(4.0A,500-1000V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SF47 Datasheet(HTML) 1 Page - Mospec Semiconductor

  SF47 Datasheet HTML 1Page - Mospec Semiconductor SF47 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SF47

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF47 RECTRON-SF47 Datasheet
29Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER (VOLTAGE 600 Volts CURRENT 4.0 Ampere)
logo
GOOD-ARK Electronics
SF47 GOOD-ARK-SF47 Datasheet
173Kb / 2P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
logo
Taiwan Semiconductor Co...
SF47G TSC-SF47G Datasheet
273Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF47G TSC-SF47G Datasheet
573Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF47G LUGUANG-SF47G Datasheet
189Kb / 2P
4.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF47

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MU17 MOSPEC-MU17 Datasheet
144Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
MU27 MOSPEC-MU27 Datasheet
133Kb / 2P
POWER RECTIFIERS(2.0A,500-1000V)
MU37 MOSPEC-MU37 Datasheet
134Kb / 2P
POWER RECTIFIERS(3.0A,500-1000V)
MU57 MOSPEC-MU57 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
SF17 MOSPEC-SF17 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
SF27 MOSPEC-SF27 Datasheet
129Kb / 2P
POWER RECTIFIERS(2.0A,500-1000V)
SF37 MOSPEC-SF37 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,500-1000V)
SF41 MOSPEC-SF41 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
SF57 MOSPEC-SF57 Datasheet
129Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
SU17 MOSPEC-SU17 Datasheet
149Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com