Electronic Components Datasheet Search
  English  ▼

X  

BY133 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # BY133
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

BY133 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  BY133 Datasheet HTML 1Page - MIC GROUP RECTIFIERS BY133 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
VOLTAGE RANGE
1250 to 1300 Volts
BY127 THRU BY133
CURRENT
1.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
•
Low coat construction
•
Low forward voltage drop
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.012 ounce, 0.33 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
BY127
BY133
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
1250
1300
Volts
Maximum RMS Voltage
VRMS
875
910
Volts
Maximum DC Blocking Voltage
VDC
1250
1300
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 25℃
I(AV)
1.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage @ 1.0A
VF
1.1
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
TA = 100℃
IR
50
µA
Maximum Full Load Reverse Current, full cycle average
0.375”(9.5mm)lead length at TL=75℃
IR(AV)
30
µA
Typical Junction Capacitance (Note 1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
RθJA
50
℃
/W
Operating Junction Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes:
1.
Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
2.
Thermal Resistance from junction to ambient at .375”(9.5mm) lead length, P.C.board mounted.
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.107(2.7)
.080(2.0)
DIA.
.034(0.9)
.028(0.7)
DIA.
Dimensions in inches and (millimeters)
DO-41


Similar Part No. - BY133

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
1.0A SILICON RECTIFIER
logo
Jinan Gude Electronic D...
BY133 JGD-BY133 Datasheet
144Kb / 2P
0.25 TO 0.5 AMP.SILICON RECTIFIERS
logo
Bytes
BY133 BYTES-BY133 Datasheet
151Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
BY133 CHENYI-BY133 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - BY133

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
1N4001G MIC-1N4001G Datasheet
47Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05G MIC-6A05G Datasheet
49Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05S MIC-6A05S Datasheet
56Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 MIC-EM513 Datasheet
50Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
P600A MIC-P600A Datasheet
60Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL251 MIC-RL251 Datasheet
46Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL251 PFS-RL251 Datasheet
164Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL151 PFS-RL151 Datasheet
161Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com