Electronic Components Datasheet Search
  English  ▼

X  

DRH404 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # DRH404
Description  PRESS FIT AUTOMOTIVE RECTIFIER (HITACHI)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

DRH404 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  DRH404 Datasheet HTML 1Page - MIC GROUP RECTIFIERS DRH404 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER (HITACHI)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 400 Volts
DRH401 THRU DRH406
CURRENT
40.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
•
Glass passivated chip
MECHANICAL DATA
•
Technology: Vacuum soldered
•
Case: Copper case
•
Polarity: As marked of case bottom
•
Lead: Plated Ni lead, solderable per
MIL-STD-202E method 208C
•
Mounting: Press Fit
•
Weight: 0.11 ounces, 3.15 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
DRH401
DRH402
DRH403
DRH404
DRH406
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
IO
40
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
500
Amps
Rating for fusing (t<8.3ms)
I
2t
1038
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.08
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
450
UA
Typical Thermal Resistance
RθJC
0.8
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Notes:
1.
Enough heatsink must be considered in application.
Dimensions in inches and (millimeters)
HC-1
(20.00
± 0.30)
0.782
± 0.012
0.886
± 0.012
(22.50
± 0.30)
Positive
Negative
(? 1.5
± 0.10)
0.059
± 0.002
0.467-0.470
(11.87-11.96)
(3.80
± 0.10)
0.149
± 0.004
Epoxy
0.32
± 0.004
(? 8.10
± 0.10)


Similar Part No. - DRH404

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRH CRYDOM-DRH Datasheet
578Kb / 2P
DIN Rail Mount
DRH CRYDOM-DRH Datasheet
972Kb / 8P
DIN Rail Mount
logo
Sensata Technologies, I...
DRH SENSATA-DRH Datasheet
527Kb / 9P
DIN RAIL MOUNT SOLID STATE CONTACTORS
logo
Mean Well Enterprises C...
DRH-120 MEANWELL-DRH-120 Datasheet
252Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120 Datasheet
277Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
More results

Similar Description - DRH404

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
DRH301 MIC-DRH301 Datasheet
64Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (HITACHI)
DRHA30L MIC-DRHA30L Datasheet
46Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (HITACHI)
DRHA30M MIC-DRHA30M Datasheet
46Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (HITACHI)
DRHA30Z MIC-DRHA30Z Datasheet
46Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (HITACHI)
DRHA40L MIC-DRHA40L Datasheet
46Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (HITACHI)
DRHA40M MIC-DRHA40M Datasheet
46Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (HITACHI)
DRHA40Z MIC-DRHA40Z Datasheet
46Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (HITACHI)
logo
GOOD-ARK Electronics
GAAH30 GOOD-ARK-GAAH30 Datasheet
57Kb / 1P
Press Fit Avalanche Automotive Rectifier (HITACHI)
GAAH40M GOOD-ARK-GAAH40M Datasheet
53Kb / 1P
Press Fit Avalanche Automotive Rectifier (HITACHI)
logo
First Components Intern...
PHFR5001 FCI-PHFR5001 Datasheet
27Kb / 2P
50AMP HITACHI PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com