Electronic Components Datasheet Search
  English  ▼

X  

KT08RH Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # KT08RH
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

KT08RH Datasheet(HTML) 1 Page - CIT Relay & Switch

  KT08RH Datasheet HTML 1Page - CIT Relay & Switch KT08RH Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
121
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
Switch: 25mA @ 24VDC
Carry: 100mA @ 24VDC
Electrical Life
2,000 cycles typical
Contact Resistance
< 25 m
Ω initial
Actuation Force
600 gF max
Actuator Travel
0.90 mm
Dielectric Strength
500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
.100” Pitch Low Profile
DIP Switch
MATERIALS
←RoHS COMPLIANT
Actuator
Nylon, UL94V-0, White
Cover
Nylon, UL94V-0, Black
Housing
Nylon, UL94V-0, Black
Contacts
Beryllium Copper, Gold over Nickel Plated
Terminals
Brass, Gold over Nickel Plated
ORDERING INFORMATION
KT
Series:
KT
KT
08
Number of Positions:
02 = 2 positions
03 = 3 positions
04 = 4 positions
05 = 5 positions
06 = 6 positions
07 = 7 positions
08 = 8 positions
09 = 9 positions
10 = 10 positions
12 = 12 positions
R
Actuator Height:
E = Extended
R = Recessed
T
Tape Seal:
Blank = No Tape Seal
T = Tape Seal ** Not available with extended actuator
H
Terminal Options:
H = Straight
S = Splayed


Similar Part No. - KT08RH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT0803K ETC2-KT0803K Datasheet
951Kb / 18P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?
KT0803L ETC2-KT0803L Datasheet
743Kb / 23P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
KT0806L ETC-KT0806L Datasheet
818Kb / 23P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
Rev. 1.4
KT0830EG ETC-KT0830EG Datasheet
912Kb / 21P
Stereo FM Receiver Radio-on-a-Chip™
Rev. 1.2
More results

Similar Description - KT08RH

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com