Electronic Components Datasheet Search
  English  ▼

X  

RA121 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # RA121
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

RA121 Datasheet(HTML) 1 Page - CIT Relay & Switch

  RA121 Datasheet HTML 1Page - CIT Relay & Switch RA121 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
198
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
- 222871
MATERIALS
Actuator
6/6 Nylon
Housing
6/6 Nylon
Contacts
Silver Alloy
Terminals
Brass, Sn Plated
ORDERING INFORMATION
1. Series:
RA
RA
1
2. Number of Poles:
1 = Single Pole
1
3. Switch Function:
1 = OFF-ON **LED only available with this function
2 = OFF-(ON)
3 = (OFF)-ON
4 = ON-ON
5 = ON-(ON)
6 = ON-OFF-ON
7 = (ON)-OFF-(ON)
8 = ON-OFF-(ON)
2
4. Housing Color:
1 = White
2 = Black
9 = Gray
2
5. Actuator Color:
1 = White
2 = Black
3 = Red
6 = Orange
7 = Blue
9 = Gray
C
6. Actuator Marking:
A
D
G
J
M
B
E
H
K
X **X marking used with LED only
C
F
I
L
W
7. Actuator Marking Color:
Blank = No Marking **Use this option for X actuator marking (LED)
B = Black
W = White
R = Red
C
8. Terminal Options:
C = .187” Quick Connects / Solder Lug
P = PC Pins
R = Right Angle PC Pins ** Not available with LED option
L = Left Angle PC Pins ** Not available with LED option
9. LED Options: (For use with ON-OFF function & “X” actuator marking only)
Blank = No LED
R = Red
B = Blue
Y = Yellow
G = Green
RA
Switch Function
SPST, SPDT
Electrical Ratings
15A @ 125VAC
8A @ 250VAC
Electrical Life
10,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C


Similar Part No. - RA121

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RA12 TOCOS-RA12 Datasheet
163Kb / 3P
12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
NETWORK RESISTORS RA Series: SIP Network
logo
Turck, Inc.
RA12-EQR24 TURCK-RA12-EQR24 Datasheet
37Kb / 1P
Accessories – Adapter Sleeve For Encoders RI-QR24
11/07/2023
logo
List of Unclassifed Man...
RA1200 ETC-RA1200 Datasheet
661Kb / 1P
RESISTORS ASSEMBLIES
logo
TOCOSAMERICA, INC.
RA12PB100K TOCOS-RA12PB100K Datasheet
163Kb / 3P
12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
More results

Similar Description - RA121

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com