Electronic Components Datasheet Search
  English  ▼

X  

NLRB Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # NLRB
Description  CIT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

NLRB Datasheet(HTML) 1 Page - CIT Relay & Switch

  NLRB Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.citswitch.com
page
16
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
←RoHS COMPLIANT
Actuator
LCP – Liquid Crystal Polymer
Housing
Nylon 9T
Base
LCP – Liquid Crystal Polymer
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
NL
NL
R
2. First LED Color:
R = Red
G = Green
Y = Yellow
B = Blue
W = White
G
3. Second LED Color:
R = Red
G = Green
Y = Yellow
B = Blue
W = White
DIMENSIONS
SCHEMATIC & PC LAYOUT
LED SPECIFICATIONS
Value
LED Ratings
R
G
Y
B
W
Units
Reverse Voltage
VR
5
5
5
5
5
V
Forward Current (avg / peak)
IF / IFS
30 / 125
30 / 125
30 / 125
30 / 125
30 / 125
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
µA
Power Dissipation
PT
69
81
81
81
120
mW
Forward Voltage (typ. / max), IF = 20mA
VF
1.8 / 2.3
2.2 / 2.7
2.2 / 2.7
3.5 / 3.8
3.5 / 4.0
V
Wavelength, Peak Emmission, IF = 20mA
λP
660
565
585
470
N/A
nm
Spectral Line Half-Width, IF = 20mA
∆λ
24
30
35
25
40
nm
Luminous Intensity, IF = 20mA
LI
4
6
6
110
180
mcd
Viewing Angle
Θ
150
150
150
150
165
Deg
NL
Electrical Ratings
50mA @ 24VDC
Electrical Life
500,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
160 +/- 100gF
Actuator Travel
0.5 +/- .2mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Bi-colored, SMT
Operating / Storage Temperature
-40
°C to 85°C


Similar Description - NLRB

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com