Electronic Components Datasheet Search
  English  ▼

X  

FR307G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # FR307G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

FR307G Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  FR307G Datasheet HTML 1Page - MIC GROUP RECTIFIERS FR307G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
FR301G THRU FR307G
CURRENT
3.0 Ampere
FEATURES
•
Fast switching for high efficiency
•
Glass passivated chip junction
•
High current surge capability
•
Low leakage
•
High temperature soldering guaranteed
260℃/10 seconds,0.375”(9.5mm)lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.042 ounce, 1.19 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
FR
301G
FR
302G
FR
303G
FR
304G
FR
305G
FR
306G
FR
307G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375″(9.5mm) lead length at TA =55℃
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
125
Amps
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.3
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at rated
DC Blocking Voltage
TA = 125℃
IR
500
µA
Maximum Reverse Recovery Time(NOTE 3)
trr
150
250
500
nS
Typical Junction Capacitance (NOTE 1)
CJ
40
pF
Typical Thermal Resistance (NOTE 2)
RθJA
30
℃
/W
Operating Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Thermal Resistance from Junction to Ambient at.375″(9.5mm) lead length, P.C board mounted.
3. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Dimensions in inches and (millimeters)
DO-27


Similar Part No. - FR307G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR307G RECTRON-FR307G Datasheet
238Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
FR307G JGD-FR307G Datasheet
145Kb / 2P
3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Sunrise Electr...
FR307G SSE-FR307G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR307G BYTES-FR307G Datasheet
153Kb / 2P
3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR307G DCCOM-FR307G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR307G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com