Electronic Components Datasheet Search
  English  ▼

X  

FR601G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # FR601G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

FR601G Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  FR601G Datasheet HTML 1Page - MIC GROUP RECTIFIERS FR601G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
FR601G THRU FR607G
CURRENT
6.0 Ampere
FEATURES
•
Fast switching for high efficiency
•
Glass passivated chip junction
•
High current surge capability
•
Low leakage
•
High temperature soldering guaranteed
260℃/10 seconds,0.375”(9.5mm)lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.07 ounce, 2.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
FR
601G
FR
602G
FR
603G
FR
604G
FR
605G
FR
606G
FR
607G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375″(9.5mm) lead length at TA =55℃
I(AV)
6.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
250
Amps
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.3
Volts
TA = 25℃
10
Maximum DC Reverse Current at rated
DC Blocking Voltage
TA = 125℃
IR
500
µA
Maximum Reverse Recovery Time(NOTE 3)
trr
150
250
500
nS
Typical Junction Capacitance (NOTE 1)
CJ
90
pF
Typical Thermal Resistance (NOTE 2)
RθJA
10
℃
/W
Operating Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Thermal Resistance from Junction to Ambient at.375″(9.5mm) lead length, P.C board mounted.
3. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Dimensions in inches and (millimeters)
R-6


Similar Part No. - FR601G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR601G JGD-FR601G Datasheet
147Kb / 2P
6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601G DCCOM-FR601G Datasheet
460Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
FR601G TSC-FR601G Datasheet
69Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G Datasheet
249Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR601G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com