Electronic Components Datasheet Search
  English  ▼

X  

ST4.3F200Q Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # ST4.3F200Q
Description  CIT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ST4.3F200Q Datasheet(HTML) 1 Page - CIT Relay & Switch

  ST4.3F200Q Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.citswitch.com
page
89
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
1,000,000 cycles typical (Stainless steel dome only)
Contact Resistance
< 50 m
Ω initial
Actuation Force
160 +/- 50gF
200 +/- 50gF
260 +/- 50gF
520 +/- 50gF
Actuator Travel
.45 +/- .1mm
Dielectric Strength
500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-55
°C to 90°C
MATERIALS
←RoHS COMPLIANT
Actuator
6/6 Nylon
Housing
6/6 Nylon
Cover
Stainless Steel
Contacts
Phosphor Bronze or Stainless Steel, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
ST
ST
5.0
2. Actuator Length:
4.3
5.0
10.0
3. Contact options:
Blank = Phosphor Bronze
L = Stainless Steel
F160
4. Actuation Force:
F160 = 160gF
F200 = 200gF
F260 = 260gF
F520 = 520gF
Q
5. Contact Material:
Q = Silver
DIMENSIONS
SCHEMATIC & PC LAYOUT
ST
PROCESS SEALED


Similar Part No. - ST4.3F200Q

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
ST4.3LF160Q CIT-ST4.3LF160Q Datasheet
280Kb / 2P
Dust Proof Tactile
Rev C 11/2022
ST4.3LF200Q CIT-ST4.3LF200Q Datasheet
280Kb / 2P
Dust Proof Tactile
Rev C 11/2022
ST4.3LF260Q CIT-ST4.3LF260Q Datasheet
280Kb / 2P
Dust Proof Tactile
Rev C 11/2022
ST4.3LF520Q CIT-ST4.3LF520Q Datasheet
280Kb / 2P
Dust Proof Tactile
Rev C 11/2022
More results

Similar Description - ST4.3F200Q

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com