Electronic Components Datasheet Search
  English  ▼

X  

G2SBA20 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # G2SBA20
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

G2SBA20 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  G2SBA20 Datasheet HTML 1Page - MIC GROUP RECTIFIERS G2SBA20 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
200 to 1000 Volts
G2SBA20 THRU G2SBA100
CURRENT
1.5 Amperes
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Glassification 94V-0
•
Glass passivated chip junction
•
High case dielectric strength
•
Typical IR less than 0.1 A
•
High surge current capability
•
Ideal for printed circuit boards
•
High temperature soldering guaranteed:
260℃/10 seconds, 0.375”(9.5mm) lead length
5lbs.(2.3kg) tension
MECHANICAL DATA
•
Case: molded plastic body over passivated junctions
•
Terminal: Plated leads solderable per MIL-STD-750
Method 2026
•
Mounting position: Any
•
Weight: 0.071 oz, 2.0g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
G2SBA20
G2SBA60
G2SBA80
G2BA100
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
200
600
800
1000
Volts
Maximum RMS Voltage
VRMS
140
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
200
600
800
1000
Volts
Maximum Average Forward
TC=80℃ (Note 1)
Rectified Output Current At
TA=25℃
I(AV)
2.0
1.5
Amps
Peak Forward Surge Current single sine-wave
superimposed on rated load
(JEDEC Method)
IFSM
60
Amps
Maximum Instantaneous Forward drop
Per leg At 0.75 Amperes
VF
1.00
Volts
TA=25℃
Maximum Reverse Current at rated
DC blocking voltage per element
TA=125℃
IR
5.0
300
μA
Rating for Fusing (t<8.3ms)
I
2t
15
A
2s
Typical Thermal Resistance Per Leg
RΘJA
RΘJC
40
12
℃/W
Operating Junction Storage and Temperature Range
TJ ,TSTG
-55 to +150
℃
Notes: 1.Unit mounted on P.C.B. at 0.375” (9.5mm) lead length and 0.5×0.5” (12×12mm) copper pads
Dimensions in inches and (millimeters)
GBL
O
4.8 - 5.3
0.9 - 1.1
2.03 - 2.41
1.9 - 2.5
20.7×45
20.7 - 20.9
~
~
~
+


Similar Part No. - G2SBA20

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G2SBA20 GE-G2SBA20 Datasheet
110Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
G2SBA20 VISHAY-G2SBA20 Datasheet
150Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
22-Nov-04
G2SBA20 VISHAY-G2SBA20 Datasheet
103Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier
12-Feb-08
logo
VoltarisTech Inc
G2SBA20 VOLTARISTECH-G2SBA20 Datasheet
396Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Rev.A7
logo
Vishay Siliconix
G2SBA20-E3/45 VISHAY-G2SBA20-E3/45 Datasheet
87Kb / 5P
Glass Passivated Single-Phase Bridge Rectifier
16-Aug-13
More results

Similar Description - G2SBA20

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com