Electronic Components Datasheet Search
  English  ▼

X  

1202A7DQEB Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # 1202A7DQEB
Description  CIT SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

1202A7DQEB Datasheet(HTML) 1 Page - CIT Relay & Switch

  1202A7DQEB Datasheet HTML 1Page - CIT Relay & Switch 1202A7DQEB Datasheet HTML 2Page - CIT Relay & Switch 1202A7DQEB Datasheet HTML 3Page - CIT Relay & Switch 1202A7DQEB Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.citswitch.com
page
23
phone – 763.535.2339 fax – 763.535.2194
1000
SPECIFICATIONS
MATERIALS
←RoHS COMPLIANT
Actuator
6/6 Nylon
Housing
DAP – Diallyl Phthalate
Cover
Stainless Steel
Contacts
Copper Alloy, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
Series:
1
1
2
Number of Poles:
1 = SPDT
2 = DPDT
03
Switch Function:
01 = ON-NONE-ON
02 = ON-NONE-(ON)
03 = ON-OFF-ON
A1
Actuator:
A1 = 5.08mm
A2 = 7.24mm
A3 = 9.40mm
A4 = 3.60mm
A7 = 12.32mm
D1 = 5.08mm **Only available with DPDT
B
Terminals:
B = Solder Lug
C = PC Pin
D = Quick Connect
H = Horizontal Mount, Right Angle PC Pin
V = Vertical Mount, Right Angle PC Pin
S20 = PC Pin with Support Bracket
C
Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
E
Epoxy Seal:
E = Epoxy Seal
B
Mounting Style:
A = No Mounting Ears
B = With Mounting Ears
Electrical Ratings
5A @ 120VAC, 28VDC; 2A @ 250VAC
See Contact Options
Electrical Life
30,000 cycles typical
Contact Resistance
< 10 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
- E222871


Similar Part No. - 1202A7DQEB

ManufacturerPart #DatasheetDescription
logo
APEM
1202A7 APEM-1202A7 Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
1202A7X209 APEM-1202A7X209 Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
1202A7X209L APEM-1202A7X209L Datasheet
1Mb / 6P
Momentary pushbutton switches • round plunger
More results

Similar Description - 1202A7DQEB

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com