Electronic Components Datasheet Search
  English  ▼

X  

HER806 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # HER806
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HER806 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  HER806 Datasheet HTML 1Page - MIC GROUP RECTIFIERS HER806 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
HER801 THRU HER807
CURRENT
8.0 Ampere
FEATURES
•
Glass passivated chip junction
•
Low power loss, high efficiency
•
Low leakage
•
High speed switching
•
High current capacity, high surge capacity
•
High temperature soldering guaranteed
•
200℃/10 second, 0.16″(4.06mm) lead length from case
•
Also available in reverse polarity, add the “R” Suffix, i.e. HER801R
•
Also available in isolated package under part number HERF801
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.08ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
HER
801
HER
802
HER
803
HER
804
HER
805
HER
806
HER
807
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
Volts
Maximum Average Forward Rectified Current
At Tc=100℃
I(AV)
8.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
125
Amps
Maximum Instantaneous Forward Voltage at 8.0A
VF
1.0
1.3
1.5
1.7
Volts
TA = 25℃
10
Maximum DC Reverse Current at rated
DC Blocking Voltage
TA = 100℃
IR
500
µA
Maximum Reverse Recovery Time
Test conditions IF =0.5A, IR =1.0A, IRR =0.25A
trr
70
100
nS
Typical Junction Capacitance (Note 1)
CJ
40
pF
Typical Thermal Resistance (Note 2)
RθJC
2.5
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Unit mounted on heatsink
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V
Dimensions in inches and (millimeters)
TO-220AC


Similar Part No. - HER806

ManufacturerPart #DatasheetDescription
logo
Bytes
HER806 BYTES-HER806 Datasheet
162Kb / 2P
8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER806 FORMOSA-HER806 Datasheet
37Kb / 2P
8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
HER806 DAESAN-HER806 Datasheet
304Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
UNIOHM CORPORATION
HER806 UNIOHM-HER806 Datasheet
71Kb / 2P
8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER806 CHONGQING-HER806 Datasheet
46Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
More results

Similar Description - HER806

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER101G GOOD-ARK-HER101G Datasheet
123Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
HER501G-508G ETC-HER501G-508G Datasheet
142Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER201G RECTRON-HER201G Datasheet
46Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER151G MIC-HER151G Datasheet
55Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER251G MIC-HER251G Datasheet
55Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER1601C MIC-HER1601C Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF801 MIC-HERF801 Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
HER101G SMCDIODE-HER101G Datasheet
386Kb / 4P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com