Electronic Components Datasheet Search
  English  ▼

X  

HERF802 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # HERF802
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HERF802 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  HERF802 Datasheet HTML 1Page - MIC GROUP RECTIFIERS HERF802 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
HERF801 THRU HERF807
CURRENT
8.0 Ampere
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
Tjmax
40
20
10
2
1
0
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T=
FORWARD SURGE CURRENT
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
50
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
0.375
″(9.5mm) Lead Length
4
68
1 Cycle
60
12
8.0
4.0
AMBIENT TEMPERATURE, (
° C)
150
100
50
100
0.1
100
10
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
1
Vsig=50mVp-p
f=1MHz
T =25
° C
1.0
10
100
J
J
T =125
° C
Trr
1cm
F1G.6-TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
NOTES : 1.Rise Time=7ns mas. Input Impedance=
1 magohm. 22pF
50 ohms
2.Rise time=10ns max. Source Impedance=
1
Ω
NON
INDUCTIVE
D.U.T.
PULSE
GENERATIOR
(NOTE 2)
OSCILLOSCOPE
(NOTE 1)
50
Ω
NONINDUCTIVE NONINDUCTIVE
10
Ω
25 Vdc
(+)
(approx.)
(-)
(-)
(+)
+0.5A
-0.25A
-1.0A
0
SET TIME BASE FOR
50/100ns/cm
J
T =25
° C
140
120
0
20
60
1.8
1.4
1.0
0.6
1.0
10
0.01
0.1
1.0
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
100
1.6
INSTANTANEOUS FORWARD VOLTAGE,(V)
Pulse Width=300us
1% Duty Cycle
0.4
0.8
T =25
° C
J
1.2
100
40
80
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
FIG.4-TYPICAL REVERSE
10
CHARACTERISTICS
REVERSE VOLTAGE,(V)
60
0/
80
0V
RATING AND CHRACTERISTIC CURVES HERF801 THRU HERF807



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com