Electronic Components Datasheet Search
  English  ▼

X  

HERF804 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # HERF804
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HERF804 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  HERF804 Datasheet HTML 1Page - MIC GROUP RECTIFIERS HERF804 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
HERF801 THRU HERF807
CURRENT
8.0 Ampere
FEATURES
•
Glass passivated chip junction
•
Low power loss, high efficiency
•
Low leakage
•
High speed switching
•
High current capacity, high surge capacity
•
High temperature soldering guaranteed
•
200℃/10 second,0.16”(4.06mm) lead length from case
•
Also available in isolated package under part number HER801
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Color Band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.08 ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
HERF
801
HERF
802
HERF
803
HERF
804
HERF
805
HERF
806
HERF
807
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
Volts
Maximum Average Forward Rectified Current
At Tc=105℃
I(AV)
8.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
125
Amps
Maximum Instantaneous Forward Voltage at 8.0A
VF
1.0
1.3
1.5
1.7
Volts
TA = 25℃
10
Maximum DC Reverse Current at rated
DC Blocking Voltage
TA = 125℃
IR
500
µA
Maximum Reverse Recovery Time
Test conditions lF=0.5A, lR=1.0A, lRR=0.25A
trr
70
100
nS
Typical Junction Capacitance (Note 2)
CJ
40
pF
Typical Thermal Resistance (Note 1)
RθJC
3.0
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
NOTES:
1. Unit mounted on heatsink
2. Measured at 1.0MHz and applied reverse voltage of 4.0V
Dimensions in inches and (millimeters)
ITO-220AC


Similar Part No. - HERF804

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HERF804 GWSEMI-HERF804 Datasheet
72Kb / 2P
8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Zibo Seno Electronic En...
HERF804 ZSELEC-HERF804 Datasheet
51Kb / 2P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - HERF804

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER101G GOOD-ARK-HER101G Datasheet
123Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
HER501G-508G ETC-HER501G-508G Datasheet
142Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
HER201G RECTRON-HER201G Datasheet
46Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
HER151G MIC-HER151G Datasheet
55Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER251G MIC-HER251G Datasheet
55Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER1601C MIC-HER1601C Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
HER101G SMCDIODE-HER101G Datasheet
386Kb / 4P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com