Electronic Components Datasheet Search
  English  ▼

X  

HVM12 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # HVM12
Description  HIGH VOLTAGE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HVM12 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  HVM12 Datasheet HTML 1Page - MIC GROUP RECTIFIERS HVM12 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
HIGH VOLTAGE SILICON RECTIFIER
HVM5-HVM12
VOLTAGE RANGE
Forward Current
5000 to 12000 Volts
0.3-0.5 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1/2
FEATURES
l Low leakage
l High surge capability
l High current capability
l High temperature soldering guaranteed:
200
oC/10 seconds, 0.375” (9.5mm) lead length at 5 lbs.
(2.3kg) tension.
MECHANICAL DATA
l Case: Transfer molded plastic
l Epoxy: UL94V-0 rate flame retardant.
l Polarity: Color band denotes cathode end .
l Lead: Plated axial lead solderable per MIL-STD-202E method
208C
l Mounting Position: Any.
l Weight: 0.05 ounce, 1.43 gram (DO-27)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS
HVM5
HVM8
HVM10
HVM12
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
5000
8000
10000
12000
Volts
Maximum RMS Voltage
VRMS
3500
5600
7000
8400
Volts
Maximum DC Blocking Voltage
VDC
5000
8000
10000
12000
Volts
Maximum Average Forward Rectified
Current,0.375”
(9.5mm) Lead length at TA=50
oC
I(AV)
350
mAmps
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
40
Amps
Maximum Instantaneous Forward Voltage Drop
at .05A/0.2A
VF
3.5
7.0
9.0
9.5
Volts
TA=25
oC
5.0
Maximum DC Reverse Current at rated
DC blocking voltage at
TA=100
oC
IR
100
µAmps
Maximum Full Load Reverse Current ,full cycle average
0.375” (9.5mm) lead length at TL=75°C
IR(AV)
75
µA
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
oC
NOTES:
Dimension in inches and (millimeters)


Similar Part No. - HVM12

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM12 RECTRON-HVM12 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
logo
Dc Components
HVM12 DCCOM-HVM12 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Leshan Radio Company
HVM12 LRC-HVM12 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
Chongqing Pingwei Enter...
HVM12 CHONGQING-HVM12 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Shenzhen Luguang Electr...
HVM12 LUGUANG-HVM12 Datasheet
399Kb / 3P
General Purpose High Voltage Diodes
More results

Similar Description - HVM12

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Edal Industries, Inc.
B656 EDAL-B656 Datasheet
47Kb / 1P
SILICON HIGH VOLTAGE RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R1200 DIOTECH-R1200 Datasheet
833Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Frontier Electronics.
GP02-25-LFR FRONTIER-GP02-25-LFR Datasheet
130Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200 Datasheet
102Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
High Voltage Silicon Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com