Electronic Components Datasheet Search
  English  ▼

X  

HVP8 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # HVP8
Description  HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

HVP8 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  HVP8 Datasheet HTML 1Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Low leakage
Low forward voltage drop
Controlled avalanche characteristic
High overload surge capability
MECHANICAL DATA
Case: Plastic
Epoxy: UL94V - 0 rate flame retardant
Polarity: Polarity symbols marked on case.
Weight: 1.03 ounce, 29.3 gram
method 208C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
SYMBOLS HVP5
HVP8
HVP10 HVP12 HVP14 HVP15 HVP16 UNIT
VRRM


     Volts
Maximum RMS Voltage
VRMS





  Volts
Maximum DC Blocking Voltage
VDC


     Volts
Maximum Average Forward Rectified Current
at TA = 60

Non-Repetitive Peak Forward Surge
Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Drop at 550mA
IR
A
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
DC Reverse Current at rated DC blocking voltage
MIC INVESTMENTS (CHINA) COMPANY LIMITED
IFSM



VF
HIGH VOLTAGE RECTIFIER
HVP5
THRU
HVP16
Maximum Repetitive Peak Reverse Voltage
Amps
Amps
Maximum Instantaneous Forward Voltage

Volts
(-20 to135)
(-20 to135)
I(AV)



Similar Part No. - HVP8

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVP8 RECTRON-HVP8 Datasheet
23Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
logo
Leshan Radio Company
HVP8 LRC-HVP8 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
HVP8 LRC-HVP8 Datasheet
201Kb / 4P
Controlled avalanche characteristic combined Low forward voltage drop
logo
GETAI ELECTRONICS DEVIC...
HVP8 GETEDZ-HVP8 Datasheet
159Kb / 1P
8.0kV 750mA HIGH VOLTAGE DIODES
More results

Similar Description - HVP8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com