Electronic Components Datasheet Search
  English  ▼

X  

JAR704 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # JAR704
Description  JUMBO BUTTON AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

JAR704 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  JAR704 Datasheet HTML 1Page - MIC GROUP RECTIFIERS JAR704 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JUMBO BUTTON AUTOMOTIVE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 600 Volts
JAR7005 THRU JAR706
CURRENT
70.0 Amperes
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
MECHANICAL DATA
•
Case: transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Lead: Plated slug , solderable per MIL-STD-202E
method 208C
•
Polarity: Color ring denotes cathode end
•
Mounting Position: any
•
Weight: 0.085 ounces, 2.40 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
JAR7005
JAR701
JAR702
JAR704
JAR706
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=110℃
IO
70.0
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
700
Amps
Maximum instantaneous Forward Voltage at 100A
VF
1.05
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage per element TA=100℃
IR
400
UA
Typical Thermal Resistance
RθJC
0.8
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Polarity and voltage demotion color band
Red
Yellow
Silver
Orange
Green
Notes:
1.
Enough heatsink must be considered in application.
JAR
Dimensions in inches and (millimeters)
.230(5.9)
.245(6.2)
.228(5.8)
.220(5.6)
.169(4.3)
.185(4.7)
.275(7.0)
.169(6.7)
.406(10.3)DIA
.394(10.0)TYP


Similar Part No. - JAR704

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
JAR8005 MIC-JAR8005 Datasheet
38Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
JAR801 MIC-JAR801 Datasheet
38Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
JAR802 MIC-JAR802 Datasheet
38Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
JAR804 MIC-JAR804 Datasheet
38Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
JAR806 MIC-JAR806 Datasheet
38Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
More results

Similar Description - JAR704

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
AR2505 MIC-AR2505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
AR3505 MIC-AR3505 Datasheet
38Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL750 MIC-ARL750 Datasheet
37Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL2505 MIC-ARL2505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
JAAR70L MIC-JAAR70L Datasheet
21Kb / 1P
JUMBO BUTTON AVALANCHE AUTOMOTIVE RECTIFIER
JAAR70M MIC-JAAR70M Datasheet
21Kb / 1P
JUMBO BUTTON AVALANCHE AUTOMOTIVE RECTIFIER
JAAR80Z MIC-JAAR80Z Datasheet
21Kb / 1P
JUMBO BUTTON AVALANCHE AUTOMOTIVE RECTIFIER
JAAR80L MIC-JAAR80L Datasheet
21Kb / 1P
JUMBO BUTTON AVALANCHE AUTOMOTIVE RECTIFIER
JAAR80M MIC-JAAR80M Datasheet
21Kb / 1P
JUMBO BUTTON AVALANCHE AUTOMOTIVE RECTIFIER
JAR8005 MIC-JAR8005 Datasheet
38Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com