Electronic Components Datasheet Search
  English  ▼

X  

SN74ABT16640DGG Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ABT16640DGG
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16640DGG Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT16640DGG Datasheet HTML 1Page - Texas Instruments SN74ABT16640DGG Datasheet HTML 2Page - Texas Instruments SN74ABT16640DGG Datasheet HTML 3Page - Texas Instruments SN74ABT16640DGG Datasheet HTML 4Page - Texas Instruments SN74ABT16640DGG Datasheet HTML 5Page - Texas Instruments SN74ABT16640DGG Datasheet HTML 6Page - Texas Instruments SN74ABT16640DGG Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54ABT16640, SN74ABT16640
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS107C – APRIL 1992 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT16640
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
0.5
2.5
4.1
0.5
5.2
ns
tPHL
A or B
B or A
0.5
2.8
4
0.5
4.5
ns
tPZH
OE
AorB
0.5
3.5
5.2
0.5
6.2
ns
tPZL
OE
A or B
0.5
3.9
6
0.5
7.4
ns
tPHZ
OE
AorB
0.5
3.8
6.8
0.5
7.9
ns
tPLZ
OE
A or B
0.5
3
4.5
0.5
5
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT16640
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
1
2.5
3.4
1
4.3
ns
tPHL
A or B
B or A
1.1
2.8
3.6
1.1
3.9
ns
tPZH
OE
AorB
1.2
3.5
4.5
1.2
5.5
ns
tPZL
OE
A or B
1.5
3.9
5
1.5
6.3
ns
tPHZ
OE
AorB
1.8
3.8
4.8
1.8
6.3
ns
tPLZ
OE
A or B
1.5
3
3.9
1.5
4.2
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com