Electronic Components Datasheet Search
  English  ▼

X  

SF55 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SF55
Description  POWER RECTIFIERS(5.0A, 50-400V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SF55 Datasheet(HTML) 1 Page - Mospec Semiconductor

  SF55 Datasheet HTML 1Page - Mospec Semiconductor SF55 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SF55

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF55 WTE-SF55 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF55 RECTRON-SF55 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF55 BYTES-SF55 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF55 DCCOM-SF55 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF55 EIC-SF55 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
More results

Similar Description - SF55

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER501 MOSPEC-HER501 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
MH51 MOSPEC-MH51 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
MU11 MOSPEC-MU11 Datasheet
140Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
MU21 MOSPEC-MU21 Datasheet
185Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
MU31 MOSPEC-MU31 Datasheet
129Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
MU51 MOSPEC-MU51 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,50-400V)
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
SF41 MOSPEC-SF41 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
SU11 MOSPEC-SU11 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com