Electronic Components Datasheet Search
  English  ▼

X  

JSOZAA70M Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # JSOZAA70M
Description  JUMBO SOZA CELL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

JSOZAA70M Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  JSOZAA70M Datasheet HTML 1Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JUMBO SOZA CELL
AVALANCHE VOLTAGE
37 to 41 Volts
JSOZAA70M
CURRENT
70 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Technical Specifecation:
Features:
•
High power capability
•
Economical
•
Avalanche Voltage: 37V to 41V
MECHANICAL DATA
•
Copper slug
•
Polarity: colour dots denotes cathode end
•
Technology vacuum soldered
•
Weight: 0.0275 ounce, 0.78 Grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
Electrical Characteristics @ 25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRRM
VDC
28
28
28
Volts
Average Rectified Forward Current (Tc=125℃)
Io
70
Amps
Repetitive Peak Reverse Surge Current
Tc=10msec Dury Cycle<1%
IRSM
70
Amps
Breakdown Voltage (Vbr@ir=100mA, Tc=25℃)
Ir=90Amps, Tc=150℃, PW=80usec
Vbr1
Vbr2
37
39
41
54
Volts
Volts
Forward Voltage Drop @If=100Amps<300usec
VF
1.0
1.05
Volts
Peak Forward Surge Current
IFSM
600
Amps
Reverse Leakage (VR=17Vdc) TA=25℃
IR
1.0
2.0
uAmps
Operating and Storage Junction Temperature Range
TJ ,TSTG
-65 to +175
℃
Notes: 1. Enough heatsink must be considered in application.
Fig.1
Surge current characteristics
50
30
10
0
I
(EXP)
RRM
RRM
I
(EXP)
Dimensions in inches and (millimeters)
DIA
0.086(2.20)
0.078(2.0)
JSOZA
.327(8.30)
.320(8.15)


Similar Part No. - JSOZAA70M

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
JSOZAA70L MIC-JSOZAA70L Datasheet
20Kb / 1P
JUMBO SOZA CELL
JSOZAA70Z MIC-JSOZAA70Z Datasheet
20Kb / 1P
JUMBO SOZA CELL
More results

Similar Description - JSOZAA70M

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
JSOZA501 MIC-JSOZA501 Datasheet
38Kb / 2P
JUMBO SOZA CELL
JSOZA701 MIC-JSOZA701 Datasheet
38Kb / 2P
JUMBO SOZA CELL
JSOZA801 MIC-JSOZA801 Datasheet
40Kb / 2P
JUMBO SOZA CELL
JSOZAA50L MIC-JSOZAA50L Datasheet
20Kb / 1P
JUMBO SOZA CELL
JSOZAA50M MIC-JSOZAA50M Datasheet
20Kb / 1P
JUMBO SOZA CELL
JSOZAA50Z MIC-JSOZAA50Z Datasheet
20Kb / 1P
JUMBO SOZA CELL
JSOZAA70L MIC-JSOZAA70L Datasheet
20Kb / 1P
JUMBO SOZA CELL
JSOZAA70Z MIC-JSOZAA70Z Datasheet
20Kb / 1P
JUMBO SOZA CELL
SOZAA20L MIC-SOZAA20L Datasheet
20Kb / 1P
SOZA CELL
logo
Shanghai Shunye Electro...
SC35A-SC35M SHUNYE-SC35A-SC35M Datasheet
189Kb / 2P
SOZA CELL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com