Electronic Components Datasheet Search
  English  ▼

X  

BAT86S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT86S
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT86S Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT86S Datasheet HTML 1Page - Vishay Siliconix BAT86S Datasheet HTML 2Page - Vishay Siliconix BAT86S Datasheet HTML 3Page - Vishay Siliconix BAT86S Datasheet HTML 4Page - Vishay Siliconix BAT86S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85514
Rev. 1.7, 26-Feb-07
BAT86S
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.1 mA
VF
300
mV
IF = 1 mA
VF
380
mV
IF = 10 mA
VF
450
mV
IF = 30 mA
VF
600
mV
IF = 100 mA
VF
900
mV
Reverse current
VR = 40 V
IR
5µA
Diode capacitance
VR = 1 V, f = 1 MHz
CD
8pF
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
Figure 2. Reverse Current vs. Junction Temperature
15827
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
Tj - Junction Temperature (°C)
- Limit
at 100 % V
P
R
R
- Limit
at 80 % V
P
R
R
RthJA = 540 K/W
VR = 50 V
1
10
100
1000
10000
25
50
75
100
125
150
15828
Tj - Junction Temperature (°C)
VR = VRRM
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
15829
0
0.5
1.0
1.5
0.1
1
10
100
1000
VF - Forward Voltage (V)
Tj = 25 °C
Tj = 125 °C
15830
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
f = 1 MHz
VR - Reverse Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com