Electronic Components Datasheet Search
  English  ▼

X  

KBJ8A Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # KBJ8A
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

KBJ8A Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  KBJ8A Datasheet HTML 1Page - MIC GROUP RECTIFIERS KBJ8A Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
KBJ8A THRU KBJ8M
CURRENT
8.0 Amperes
FEATURES
•
Plastic package has UL Flammability
Glassification 94V-0
•
Glass passivated chip junctions
•
High case dielectric strength of 1500 VRMS
•
High surge current capability
•
High temperature soldering guaranteed
260℃/10 seconds, 0.375”(9.5mm) lead length
MECHANICAL DATA
•
Case: molded plastic body
•
Terminal: Plated leads solderable per MIL-STD-750
Method 2026
•
Mounting position: Any (Note 2)
•
Mounting Torque: 6 in – 1bs max.
•
Weight: 0.15 ounce,4.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
KBJ
8A
KBJ
8B
KBJ
8D
KBJ
8D
KBJ
8J
KBJ
8K
KBJ
8M
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
100
Volts
Maximum Average Forward
Rectified Current, At TC=100℃
I(AV)
8.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC Method)
IFSM
170
Amps
Rating for Fusing (t<8.3ms)
I
2t
120
A
2s
Maximum Instantaneous Forward Voltage drop
Per bridge element 4.0A
VF
1.0
Volts
TA=25℃
5.0
Maximum DC Reverse Current at
rated DC blocking voltage per element
TA=125℃
IR
500
μA
Typical Junction Capacitance, per let
(Measured at 1.0MHz and applied reverse voltage of
4.0V)
CJ
211.0
94.0
pF
Typical Thermal Resistance (Note 1)
RJA
2.2
℃/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃/W
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes: 1. Unit mounted on 2.6”×1.4”×0.06” thick (6.5×3.5×0.15cm) AL. plate.
2. Recommended mounting position is to bolt down on heatsink using #6 screw and silicon thermal
Compound for maximum heat transfer
KBJ
O
φ3
.1-3
.4
3.4-3.8
4.4-4.8
0.6-0.8
2.8-3.2
7.3-7.7
7.2-7.7
7.3-7.7
0.9-1.1
0.8-1.0
1.5-1.9
3.0×45
24.8-25.2


Similar Part No. - KBJ8A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
48Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ8A DCCOM-KBJ8A Datasheet
419Kb / 2P
TECHNICAL SPECIFICATIONS FO SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
76Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBJ8A BILIN-KBJ8A Datasheet
140Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBJ8A CHENG-YI-KBJ8A Datasheet
158Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ8A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com