Electronic Components Datasheet Search
  English  ▼

X  

BAV101 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV101
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV101 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV101 Datasheet HTML 1Page - Vishay Siliconix BAV101 Datasheet HTML 2Page - Vishay Siliconix BAV101 Datasheet HTML 3Page - Vishay Siliconix BAV101 Datasheet HTML 4Page - Vishay Siliconix BAV101 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85542
Rev. 1.6, 13-Feb-07
BAV100/101/102/103
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction lead
RthJL
350
K/W
Thermal resistance junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 50 V
BAV100
IR
100
nA
VR = 100 V
BAV101
IR
100
nA
VR = 150 V
BAV102
IR
100
nA
VR = 200 V
BAV103
IR
100
nA
Tj = 100 °C, VR = 50 V
BAV100
IR
15
µA
Tj = 100 °C, VR = 100 V
BAV101
IR
15
µA
Tj = 100 °C, VR = 150 V
BAV102
IR
15
µA
Tj = 100 °C, VR = 200 V
BAV103
IR
15
µA
Breakdown voltage
IR = 100 µA, tp/T = 0.01,
tp = 0.3 ms
BAV100
V(BR)
60
V
IR=100 µA, tp/T = 0.01,
tp = 0.3 ms
BAV101
V(BR)
120
V
IR = 100 µA, tp/T = 0.01,
tp = 0.3 ms
BAV102
V(BR)
200
V
BAV103
V(BR)
250
V
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Differential forward resistance
IF = 10 mA
rf
5
Ω
Reverse recovery time
IF = IR = 30 mA, iR = 3 mA,
RL = 100 Ω
trr
50
ns
Figure 1. Reverse Current vs. Junction Temperature
040
80
120
160
0.01
0.1
1
10
1000
Tj -Junction Temperature (°C)
200
94 9084
100
Scattering Limit
V
R = VRRM
Figure 2. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9085
Scattering Limit
T
j = 25 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com