Electronic Components Datasheet Search
  English  ▼

X  

BAV301 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAV301
Description  Small Signal Switching Diodes, High Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV301 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAV301 Datasheet HTML 1Page - Vishay Siliconix BAV301 Datasheet HTML 2Page - Vishay Siliconix BAV301 Datasheet HTML 3Page - Vishay Siliconix BAV301 Datasheet HTML 4Page - Vishay Siliconix BAV301 Datasheet HTML 5Page - Vishay Siliconix BAV301 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BAV300 / 301 / 302 / 303
Document Number 85545
Rev. 1.9, 07-Mar-06
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 1. Reverse Current vs. Junction Temperature
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Differential Forward Resistance vs. Forward Current
040
80
120
160
0.01
0.1
1
10
1000
Tj -Junction Temperature (°C)
200
94 9084
100
Scattering Limit
V
R = VRRM
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9085
Scattering Limit
T
j = 25 °C
0.1
1
10
1
10
100
1000
I F - Forward Current (mA)
100
94 9089
T
j = 25 °C
Figure 4. Board for RthJA definition (in mm)
25
2.5
10
0.71
1.3
1.27
9.9
24
0.152
0.355
95 10329



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com