Electronic Components Datasheet Search
  English  ▼

X  

BAW27-TAP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAW27-TAP
Description  Small Signal Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW27-TAP Datasheet(HTML) 2 Page - Vishay Siliconix

  BAW27-TAP Datasheet HTML 1Page - Vishay Siliconix BAW27-TAP Datasheet HTML 2Page - Vishay Siliconix BAW27-TAP Datasheet HTML 3Page - Vishay Siliconix BAW27-TAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85548
Rev. 1.6, 19-Feb-07
BAW27
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in millimeters (inches): DO35
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
670
750
mV
IF = 50 mA
VF
800
850
mV
IF = 200 mA
VF
950
1000
mV
IF = 400 mA
VF
1120
1250
mV
Reverse current
VR = 60 V
IR
100
nA
VR = 60 V, Tj = 100 °C
IR
50
µA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
V(BR)
75
V
Diode capacitance
VR = 0, f = 1 MHz, VHF = 50 mV
CD
4pF
Reverse recovery time
IF = IR = 10 to 100 mA,
iR = 0.1 x IR
trr
6ns
94 9366
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
Cathode Identification
Rev. 6 - Date: 29. January 2007
Document no.: 6.560-5004.02-4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com