Electronic Components Datasheet Search
  English  ▼

X  

PR1200 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # PR1200
Description  PHOTOFLASH RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

PR1200 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  PR1200 Datasheet HTML 1Page - MIC GROUP RECTIFIERS PR1200 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Fast switching.
Low leakage
High forward surge current capability.
High temperature soldering guaranteed:
at 5 lbs (2.3kg) tension.
MECHANICAL DATA
Case: transfer molded plastic
Epoxy: UL94V - 0 rate flame retardant.
Polarity: Color band denotes cathode end.
Lead: Plated axial lead, solderable per MIL - STD - 202E
method 208C
Weight: 0.012 ounce, 0.33grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
SYMBOLS
PR1000
PR1200
PR1400
PR1600
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM




Volts
Maximum RMS Voltage
VRMS




Volts
Maximum DC Blocking Voltage
VDC




Volts
Maximum Average Forward Rectified Current,
0.375" (9.5mm) lead length at TA = 55

Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Maximum Instantaneous Forward Voltage Drop
at 0.5 A
Maximum DC Reverse Current at rated
DC blocking voltage at TA = 25

Maximum Full Load Reverse current, full cycle
average, 0.375" (9.5mm) lead length at TL = 55

Maximum Reverse Recovery Time (Note 1)
trr
Ns
Typical Junction Capacitance (Note 2)
CJ
pF
Operating and Storage Temperature Range
TJ, TSTG

NOTES:
1.Test condition: IF = 0.5A, IR = 1.0A, IRR=0.25A
2.Measured at 1 MHz and applied reverse of 4.0 volts.
260
/10 seconds, 0.375" (9.5mm)lead length

MIC INVESTMENTS (CHINA) COMPANY LIMITED
(-65 to +175)
IFSM
VF

A
Volts
Amps

IR(AV)



PHOTOFLASH RECTIFIER
PR1000
THRU
PR1600
VOLTAGE RANGE
1000 to 1600 Volt
CURRENT
0.5 Ampere
mAmps

IR
I(AV)


Similar Part No. - PR1200

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1200 GOOD-ARK-PR1200 Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
logo
Shenzhen Luguang Electr...
PR1200 LUGUANG-PR1200 Datasheet
60Kb / 2P
PHOTOFLASH RECTIFIER
logo
Chenmko Enterprise Co. ...
PR1200FPT CHENMKO-PR1200FPT Datasheet
77Kb / 2P
PHOTOFLASH RECTIFIER
PR1200PT CHENMKO-PR1200PT Datasheet
75Kb / 2P
PHOTOFLASH RECTIFIER
logo
GOOD-ARK Electronics
PR1200R GOOD-ARK-PR1200R Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
More results

Similar Description - PR1200

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1000 GOOD-ARK-PR1000 Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
PR1000R GOOD-ARK-PR1000R Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16 Datasheet
28Kb / 2P
Photoflash Rectifier
22-Feb-02
logo
Chenmko Enterprise Co. ...
PR1000FPT CHENMKO-PR1000FPT Datasheet
77Kb / 2P
PHOTOFLASH RECTIFIER
PR1000PT CHENMKO-PR1000PT Datasheet
75Kb / 2P
PHOTOFLASH RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16_09 Datasheet
66Kb / 4P
Photoflash Rectifier
10-Nov-09
logo
Shenzhen Luguang Electr...
PR1000 LUGUANG-PR1000 Datasheet
60Kb / 2P
PHOTOFLASH RECTIFIER
logo
Nantong Hornby Electron...
1F1X HORNBY-1F1X Datasheet
219Kb / 3P
PHOTOFLASH FAST RECOVERY RECTIFIER
RL1N1X00F HORNBY-RL1N1X00F Datasheet
236Kb / 3P
PHOTOFLASH FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16_V01 Datasheet
81Kb / 4P
Photoflash Fast Plastic Rectifier
24-Jul-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com