Electronic Components Datasheet Search
  English  ▼

X  

RS1M Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # RS1M
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

RS1M Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  RS1M Datasheet HTML 1Page - MIC GROUP RECTIFIERS RS1M Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT FAST SWITCHING RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
RS1A THRU RS1M
CURRENT
1.0 Ampere
COPPER PAD AREAS
0.2X0.2
″(5.0X5.0mm)
0
Resistive or Inductive Load
0
LEAD TEMPERATURE,()
℃
F1G.1-FORWARD CURRENT DERATING CURVE
1.2
F1G.4-TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
J
T =25℃
FORWARD SURGE CURRENT
F1G.2-MAXIMUM NON-REPETITIVE PEAK
NUMBER OF CYCLES AT 60 Hz
0.001
0.01
1.0
80
100
60
40
20
0
100
10
1
10
0.1
0
L
T =90℃
(JEDEC Method)
8.3ms Single Half Sine-Wave
50
1.0
0.5
20
40
60
80
100
120
140
160
180
P.C.B MOUNTED on
40
20
30
0
10
J
T =100℃
T =125℃
J
30
0.01
INSTANTANEOUS FORWARD VOLTAGE,
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
FORWARD CHARACTERISTICS
F1G.3-TYPICAL INSTANTANEOUS
10
1.0
0.1
10
1.0
0.1
0.01
1
10
T, PULSE DURATION, SEC.
100
F1G.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
REVRESE VOLTAGE,VOLTS
F1G.5-TYPICAL JUNCTION CAPACITANCE
100
10
1.0
1
10
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com