Electronic Components Datasheet Search
  English  ▼

X  

S5G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # S5G
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

S5G Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  S5G Datasheet HTML 1Page - MIC GROUP RECTIFIERS S5G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
S5A THRU S5M
CURRENT
5.0 Ampere
FEATURES
•
Plastic package has underwrites laboratory flammability
Classification 94V-0
•
For surface mounted applications
•
Low profile package
•
Built-in strain relief, ideal for automated placement
•
Glass Passivated chip junction
•
High temperature soldering:
250℃/10 second at terminals
MECHANICAL DATA
•
Case: JEDED DO-214AA molded plastic over glass passivated chip
•
Terminals: Solder plated, Solderable per MIL-STD-750, method 2026
•
Polarity: Color band denotes cathode end
•
Weight: 0.007ounce, 0.25 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
SYMBOLS
S5A
S5B
S5D
S5G
S5J
S53K
S5M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
at TL =100℃ (NOTE 3)
I(AV)
5.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method) TL=100℃
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 5.0A
VF
1.15
Volts
TA = 25℃
10.0
Maximum DC Reverse Current
at rated DC Blocking Voltage
TA = 125℃
IR
250
µA
Typical Reverse Recovery Time (NOTE 1)
trr
2.5
µs
Typical junction capacitance (NOTE 2)
CJ
60
pF
RθJL
47
Typical Thermal Resistance (NOTE 3)
RθJA
13
℃
/W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
℃
Notes:
1. Reverse recovery test conditions: IF =0.5A, IR =1.0A, Irr =0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
3. Thermal resistance from Junction to ambient and from junction to lead mounted on
P.C.B.with 0.3×0.3″(8.0 × 8.0mm) copper pad areas.
DO-214AB(SMC)
Dimensions in inches and (millimeters)


Similar Part No. - S5G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5G MCC-S5G Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Semikron International
S5G SEMIKRON-S5G Datasheet
113Kb / 2P
Standard silicon rectifier diodes
logo
Won-Top Electronics
S5G WTE-S5G Datasheet
51Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S5G TSC-S5G Datasheet
53Kb / 2P
5.0 AMPS. Surface Mount Rectifiers
logo
Diotec Semiconductor
S5G DIOTEC-S5G Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
More results

Similar Description - S5G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com